Electronic Components Datasheet Search
  English  ▼

X  

74LCX112 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LCX112
Description  Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop with 5V Tolerant Inputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX112 Datasheet(HTML) 2 Page - ON Semiconductor

  74LCX112 Datasheet HTML 1Page - ON Semiconductor 74LCX112 Datasheet HTML 2Page - ON Semiconductor 74LCX112 Datasheet HTML 3Page - ON Semiconductor 74LCX112 Datasheet HTML 4Page - ON Semiconductor 74LCX112 Datasheet HTML 5Page - ON Semiconductor 74LCX112 Datasheet HTML 6Page - ON Semiconductor 74LCX112 Datasheet HTML 7Page - ON Semiconductor 74LCX112 Datasheet HTML 8Page - ON Semiconductor 74LCX112 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© 2001 Fairchild Semiconductor Corporation
DS012424
www.fairchildsemi.com
June 1998
Revised February 2001
74LCX112
Low Voltage Dual J-K Negative Edge-Triggered Flip-Flop
with 5V Tolerant Inputs
General Description
The LCX112 is a dual J-K flip-flop. Each flip-flop has inde-
pendent J, K, PRESET, CLEAR, and CLOCK inputs with Q,
Q outputs. These devices are edge sensitive and change
state on the negative going transition of the clock pulse.
Clear and preset are independent of the clock and accom-
plished by a low logic level on the corresponding input.
LCX devices are designed for low voltage (3.3V or 2.5)
operation with the added capability of interfacing to a 5V
signal environment.
The 74LCX112 is fabricated with advanced CMOS technol-
ogy to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
■ 5V tolerant inputs
■ 2.3V–3.6V VCC specifications provided
■ 7.5 ns tPD max (VCC = 3.3V), 10 µA ICC max
■ Power down high impedance inputs and outputs
■
±24 mA output drive (V
CC = 3.0V)
■ Implements patented noise/EMI reduction circuitry
■ Latch-up performance exceeds 500 mA
■ ESD performance:
Human body model
> 2000V
Machine model
> 2000V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74LCX112M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
74LCX112SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX112MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
J1, J2, K1, K2
Data Inputs
CP1, CP2
Clock Pulse Inputs (Active Falling Edge)
CD1, CD2
Direct Clear Inputs (Active LOW)
SD1, SD2
Direct Set Inputs (Active LOW)
Q1, Q2, Q1, Q2
Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com