Electronic Components Datasheet Search
  English  ▼

X  

74VHC245 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74VHC245
Description  Octal Bidirectional Transceiver with 3-STATE Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VHC245 Datasheet(HTML) 2 Page - ON Semiconductor

  74VHC245 Datasheet HTML 1Page - ON Semiconductor 74VHC245 Datasheet HTML 2Page - ON Semiconductor 74VHC245 Datasheet HTML 3Page - ON Semiconductor 74VHC245 Datasheet HTML 4Page - ON Semiconductor 74VHC245 Datasheet HTML 5Page - ON Semiconductor 74VHC245 Datasheet HTML 6Page - ON Semiconductor 74VHC245 Datasheet HTML 7Page - ON Semiconductor 74VHC245 Datasheet HTML 8Page - ON Semiconductor 74VHC245 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011520
www.fairchildsemi.com
November 1992
Revised April 2005
74VHC245
Octal Bidirectional Transceiver with 3-STATE Outputs
General Description
The VHC245 is an advanced high speed CMOS octal bus
transceiver fabricated with silicon gate CMOS technology.
It achieves high speed operation similar to equivalent Bipo-
lar Schottky TTL while maintaining the CMOS low power
dissipation. The VHC245 is intended for bidirectional asyn-
chronous communication between data busses. The direc-
tion of data transmission is determined by the level of the
T/R input. The enable input can be used to disable the
device so that the busses are effectively isolated. All inputs
are equipped with protection circuits against static dis-
charge.
Features
■ High Speed: tPD 4.0 ns (typ) at VCC 5V
■ High Noise Immunity: VNIH VNIL 28% VCC (Min)
■ Power Down Protection is provided on all inputs
■ Low Noise: VOLP 0.9V (typ)
■ Low Power Dissipation:
ICC 4 PA (Max) @ TA 25qC
■ Pin and Function Compatible with 74HC245
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Description
Connection Diagram
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Any unused bus terminals during HIGH-Z State must be held HIGH or
LOW.
Order Number
Package Number
Package Description
74VHC245M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC245SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC245N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin
Description
Names
OE
Output Enable Input
T/R
Transmit/Receive Input
A0–A7
Side A Inputs or 3-STATE Outputs
B0–B7
Side B Inputs or 3-STATE Outputs
Inputs
Outputs
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
HIGH-Z State



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com