Electronic Components Datasheet Search
  English  ▼

X  

MM74HCT245MTC Datasheet(PDF) 2 Page - ON Semiconductor

Part # MM74HCT245MTC
Description  Octal 3-STATE Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HCT245MTC Datasheet(HTML) 2 Page - ON Semiconductor

  MM74HCT245MTC Datasheet HTML 1Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 2Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 3Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 4Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 5Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 6Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 7Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 8Page - ON Semiconductor MM74HCT245MTC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS005366
www.fairchildsemi.com
February 1984
Revised May 2005
MM74HCT245
Octal 3-STATE Transceiver
General Description
The MM74HCT245 3-STATE bi-directional buffer utilizes
advanced silicon-gate CMOS technology and is intended
for two-way asynchronous communication between data
buses. It has high drive current outputs which enable high
speed operation even when driving large bus capaci-
tances. This circuit possesses the low power consumption
of CMOS circuitry, yet has speeds comparable to low
power Schottky TTL circuits.
This device is TTL input compatible and can drive up to 15
LS-TTL loads, and all inputs are protected from damage
due to static discharge by diodes to VCC and ground.
The MM74HCT245 has one active low enable input (G),
and a direction control (DIR). When the DIR input is HIGH,
data flows from the A inputs to the B outputs. When DIR is
LOW, data flows from B to A.
MM74HCT devices are intended to interface between TTL
and NMOS components and standard CMOS devices.
These parts are also plug-in replacements for LS-TTL
devices and can be used to reduce power consumption in
existing designs.
Features
■ TTL input compatible
■ 3-STATE outputs for connection to system busses
■ High output drive current: 6 mA (min)
■ High speed: 16 ns typical propagation delay
■ Low power: 80
PA (74HCT Series)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
H
HIGH Level
L
LOW Level
X
Irrelevant
Order Number
Package Number
Package Description
MM74HCT245WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74HCT245SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HCT245MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HCT245N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Control
Operation
Inputs
G
DIR
245
L
L
B data to A bus
L
H
A data to B bus
H
X
isolation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com