Electronic Components Datasheet Search
  English  ▼

X  

BA301N Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA301N
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA301N Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA301N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA301N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA301N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 /
Gas
`
Sm
C
L
Fa
R
M
Ele
i
Ap
Fea
Age
Op
1) At
2) In
3) Te
3
www.b
s Discharge
mall Size Des
Current Handl
ow Capacitan
ast Response
Reliable to Pro
Moisture sensi
ctrical Para
RS485/232/
internet
plication in
atures
ency Appro
DC Breakd
Impulse Sp
Impulse Dis
Arc
Insulati
Capacita
W
erating
And
M
t delivery AQ
n ionized mod
erms and wav
Icon
encent.co
e Tube
sign EIA 181
ling Capabilit
nce and Inser
e and Long Se
otect Electros
itivity level
:
ameter
422
nformation
ovals
down Voltage
park-over Vol
scharge Curre
c Voltage
ion Resistanc
ance at 1 MH
Weight
Storage Tem
Marking
QL 0.65 level
de
veforms in acc
Comp
Complian
Compliance w
om.cn
12 4.5×3.2×2
ty 1,000A @
rtion Loss
ervice Life
static Surge
Level 1
e 1)2)
ltage
ent 3)
e
Hz
mperature
II GB/T 2828
cordance with
Description
pliance with 201
nce with IEC612
Mean lead fre
ith UL497B, Ce
.7mm
8/20
s
μ
A
A
10 operatio
D
V
8.1-2003
h ITU-T Rec
n
1/65/EU
249-2-21:2003
ee
rtificated E2322
Customers sho
Sc
Pa
Ex
100V/s
At 1kV/
μs
At 1kV/
μs
8/20
μs
ons [5x (+) &
At 1A
DC=100V
DC=
0.5V
. K. 12; IEC
49
S
uld verify actua
chematic Sy
ackage (Top
xterior
for
Ty
& 5x (-)]
61643-21
Specifications a
al device perfor
ymbol
p View)
SM
1
1
2
r 99 % of mea
ypical values
W
are subject to ch
rmance in their
Order C
Vers
MD
210-390
asured values
of distributio
1,000
~8
≥1
≤1.0
~0.20
-40-90
Without
BA30
hange without n
specific applic
Code:
BA3
sion: A0
201
2
2
s
 800
n
700
01N
notice.
ations
301N
4-2-13
V
V
V
A
V
G
Ω
pF
g
℃


Similar Part No. - BA301N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
More results

Similar Description - BA301N

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com