Electronic Components Datasheet Search
  English  ▼

X  

BGA150FR Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BGA150FR
Description  GDT Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BGA150FR Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BGA150FR Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BGA150FR Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BGA150FR Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
BGA150FR
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BGA150FR
GDT Array
Version: A1 2016-8-12
`
Small Size Design EIA7050 7.0×5.0×1.5mm
Current Handling Capability 1KA@ 8/20
s
μ by one-way
Fast Response and Long Service Life
Moisture sensitivity level
:Level 1
High integrated, ultra-compact and slim leadless ceramic
package for surface installation
Electrical Parameter
Communication equipment
Schematic Symbol
Application information
Package (Top View)
Features
Exterior
SMD
Agency Approvals
DC Breakdown Voltage 1)2) 3)
100V/s
>150
V
Impulse Spark-over Voltage3)
At 1kV/
s
μ
for 99 % of measured values
850
V
At 1kV/
s
μ
Typical values of distribution
750
V
Impulse Discharge Voltage 3)
10/700
s
μ
6,000
V
Impulse Discharge Current 3)
Pin1、3、4、6-Pin25 8/20
μs
1,000
A
Pin1346-Pin25 8/20
s
μ
3.5
KA
Arc Voltage3)
At 1A
~10
V
Insulation Resistance3)
DC=100V
≥1
GΩ
Capacitance at 1MHz3)
VDC=0.5V
≤2.0
pF
Weight
~0.27
g
Operating And Storage
Temperature
-40-90
℃
Marking
Without
1) At delivery AQL 0.65 level II ISO 2859
2) In ionized mode
3) Terms and waveforms in accordance with ITU-T Rec. K. 12; IEC 61643-21 ,Currents through each end-Pin 1、3、4、6 to the ground
Pin (2、5) .
Icon
Description
Compliance with 2011/65/EU
Compliance withIEC61249-2-21:2003
Mean lead free
65
1
2
3
4
6
5
4
3
1
2


Similar Part No. - BGA150FR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
BGA120 SILABS-BGA120 Datasheet
3Mb / 261P
EFM32 Giant Gecko Series 1 Family EFM32GG11 Family Data Sheet
Rev. 1.2
logo
Infineon Technologies A...
BGA123L4 INFINEON-BGA123L4 Datasheet
285Kb / 13P
Small Footprint Ultra Low Current Low Noise Amplifier
Revision 2.0 2017-09-14
BGA125N6 INFINEON-BGA125N6 Datasheet
791Kb / 13P
Ultra Low Current Low Noise Amplifier for L2/L5 GNSS Applications
Revision 2.2 2022-03-04
BGA125N6E6327XTSA1 INFINEON-BGA125N6E6327XTSA1 Datasheet
791Kb / 13P
Ultra Low Current Low Noise Amplifier for L2/L5 GNSS Applications
Revision 2.2 2022-03-04
More results

Similar Description - BGA150FR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
Gas Discharge Tube (GDT) Products
logo
Bourns Electronic Solut...
2087-XXX-SM BOURNS-2087-XXX-SM Datasheet
224Kb / 1P
High Voltage GDT Products
logo
Wurth Elektronik GmbH &...
760301103 WURTH-760301103 Datasheet
385Kb / 4P
WE-GDT Gate-Drive-Transformer
760301104 WURTH-760301104 Datasheet
385Kb / 4P
WE-GDT Gate-Drive-Transformer
logo
Littelfuse
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
Gas Discharge Tube (GDT) Products
logo
Eaton All Rights Reserv...
MOVGT EATON-MOVGT Datasheet
700Kb / 8P
Integrated MOV/GDT device
April 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com