Electronic Components Datasheet Search
  English  ▼

X  

BV03C Datasheet(PDF) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03C
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03C Datasheet(HTML) 3 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
/4
Tra
Pre
Ave
to
TS(m
Ref
Pea
Tim
(TP
Ram
Tim
Do
Ref
Pro
Re
www.ben
ansient Vo
Re
Heat
Tempe
Tempe
Time
erage ramp up
peak
max) to TL - R
flow
- Temp
- Temp
ak Temperature
me within 5°C
)
mp-down Rate
me 25°C to pea
not exceed
flow Profile
oduct Dime
ecommende
C
ncent.com.c
oltage Sup
eflow Condition
erature Min
erature Max
min to max
rate
Liquidu
Ramp-up Rate
perature (TL) (L
perature (TL)
e (TP)
of actual peak
e
ak Temperature
e
ensions
d Soldering
A
B
n
ppressor
n
x
us
Tamp
TL
Liquidus)
k Temperature
e (TP)
g Pad
Pb-Fr
assemb
150°C
200°C
60 – 180 s
L
3°C/s ma
3°C/s ma
217°C
60 – 150 s
260+0/-5
30secs
6°C/s ma
8 min ma
260°C
D
Customers sho
ree
bly
secs
ax
ax
secs
°C
ax
ax.
S
uld verify actua
REF
A
A1
b
c
D
E
H
L
Q1
REF
A
B
C
D
TP
TL
TS(max)
25
TS(min)
Specifications a
al device perfor
F
m
1.
0
0.34±
0.17±
1.66±
1.28±
2.5±
0.28±
0.25±
mm
3.2
1.0
1.0
0.5
time to peak te
Prehe
TS
B
are subject to ch
rmance in their
Order
Version
mm
.17
0.1
±0.10
±0.08
±0.14
±0.17
±0.2
±0.18
±0.15
m
0
8
6
4
emperature
Ramp-up
eat
BV03C
hange without n
specific applic
Code:BV03
n: A1
2015-11
inch
0.046
0.004
0.013±0.00
0.007±0.00
0.065±0.00
0.050±0.006
0.098±0.00
0.011±0.00
0.010±0.00
inch
0.126
0.043
0.042
0.021
Tim
C
T
TP
Ramp-d
TL
notice.
ations
3C
1-25
39
32
55
66
79
071
59
me
Critical Zone
TL to TP
down



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com