Electronic Components Datasheet Search
  English  ▼

X  

MITB15WB1200TMH Datasheet(PDF) 7 Page - IXYS Corporation

Part # MITB15WB1200TMH
Description  Converter - Brake - Inverter Module Low Loss Trench IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MITB15WB1200TMH Datasheet(HTML) 7 Page - IXYS Corporation

  MITB15WB1200TMH Datasheet HTML 1Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 2Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 3Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 4Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 5Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 6Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 7Page - IXYS Corporation MITB15WB1200TMH Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
© 2010 IXYS All rights reserved
7 - 8
20100906a
MITB15WB1200TMH
IXYS reserves the right to change limits, test conditions and dimensions.
Typical turn on gate charge
Typical switching energy versus collector current
Typical switching energy versus gate resistance
Typical turn-off characteristics of free wheeling diode
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
0
10
20
30
40
50
60
70
80
90 100 110 120
Qg [nC]
Ic = 15A
Vce = 600V
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Ic, If [A]
Eon
Eoff
Erec
Vce = 600V
Vge = +/-15V
Rg = 75W
Tvj = 125°C
0
1
2
3
4
5
6
7
8
9
0
100
200
300
400
500
600
Rg [W ]
Eon
Eoff
Erec
Ic, If = 15A
Vce = 600V
Vge = +/-15V
Tvj = 125°C
560W
75W
270W
75W
560W
270W
0
5
10
15
20
25
30
100
150
200
250
300
350
400
450
dif/dt [A/µs]
300
350
400
450
500
550
600
Irr
trr
If = 15A
Vce = 600V
Vge = +/-15V
Tvj = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com