Electronic Components Datasheet Search
  English  ▼

X  

LP2301ALT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LP2301ALT1G
Description  20V P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LP2301ALT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LP2301ALT1G Datasheet HTML 1Page - Leshan Radio Company LP2301ALT1G Datasheet HTML 2Page - Leshan Radio Company LP2301ALT1G Datasheet HTML 3Page - Leshan Radio Company LP2301ALT1G Datasheet HTML 4Page - Leshan Radio Company LP2301ALT1G Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LP2301ALT1G, S-LP2301ALT1G
20V P-Channel Enhancement-Mode MOSFET
6. ELECTRICAL CHARACTERISTICS (Ta= 25ºC)
OFF CHARACTERISTICS
Characteristic
Drain–Source Breakdown Voltage
(VGS = 0, ID = -250μAdc)
Zero Gate Voltage Drain Current
(VGS = 0, VDS = -20 Vdc)
Gate–Body Leakage Current, Forward
(VGS = 8 Vdc)
Gate–Body Leakage Current, Reverse
(VGS = - 8 Vdc)
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = -250μAdc)
Static Drain–Source On–State Resistance
(VGS = -4.5 Vdc, ID = -2.8 Adc)
(VGS = -2.5 Vdc, ID = -2 Adc)
DYNAMIC CHARACTERISTICS
Input Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Output Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
Reverse Transfer Capacitance
(VGS = 0 V, f = 1.0MHz,VDS= -15 V)
SWITCHING CHARACTERISTICS
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward Voltage
(VGS = 0 Vdc, ISD = -1 Adc)
2.Pulse Test: Pulse Width ≤
300 μs, Duty Cycle ≤2.0%.
ns
-
40
-
-
11
-
-
50
-
-
30
-
td(off)
tf
(VDS=-6V, RL =6Ω,
RGEN=6Ω ,VGS=-4.5V )
RDS(on)
-
-0.4
Ciss
-
VGS(th)
IDSS
td(on)
tr
150
-0.6
-
-
100
Typ.
Max.
IGSSR
-
-
-100
VSD
-
-0.7
-1.4
V
mΩ
-
-
Unit
Vdc
-20
-
-
Symbol
Min.
-1
Vdc
-
IGSSF
μAdc
nAdc
nAdc
VBRDSS
480
-
Coss
Crss
-
46
-
-
10
-
90
110
pF
pF
pF
110
Leshan Radio Company, LTD.
2/5
Rev.C Sep. 2018



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com