Electronic Components Datasheet Search
  English  ▼

X  

LT3021 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3021
Description  500mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3021 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3021 Datasheet HTML 6Page - Linear Technology LT3021 Datasheet HTML 7Page - Linear Technology LT3021 Datasheet HTML 8Page - Linear Technology LT3021 Datasheet HTML 9Page - Linear Technology LT3021 Datasheet HTML 10Page - Linear Technology LT3021 Datasheet HTML 11Page - Linear Technology LT3021 Datasheet HTML 12Page - Linear Technology LT3021 Datasheet HTML 13Page - Linear Technology LT3021 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3021/LT3021-1.2/
LT3021-1.5/LT3021-1.8
3021fa
APPLICATIO S I FOR ATIO
of noise. A ceramic capacitor produced Figure 4’s trace in
response to light tapping from a pencil. Similar vibration
induced behavior can masquerade as increased output
voltage noise.
No-Load/Light-Load Recovery
A transient load step occurs when the output current
changes from its maximum level to zero current or a very
small load current. The output voltage responds by over-
shooting until the regulator lowers the amount of current it
delivers to the new level. The regulator loop response time
and the amount of output capacitance control the amount of
overshoot. Once the regulator has decreased its output
current, the current provided by the resistor divider (which
sets VOUT) is the only current remaining to discharge the
output capacitor from the level to which it overshot. The
amount of time it takes for the output voltage to recover
easily extends to milliseconds with microamperes of divider
current and a few microfarads of output capacitance.
To eliminate this problem, the LT3021 incorporates a
no-load or light-load recovery circuit. This circuit is a
voltage-controlled current sink that significantly improves
the light load transient response time by discharging the
output capacitor quickly and then turning off. The current
sink turns on when the output voltage exceeds 6% of the
nominal output voltage. The current sink level is then
proportional to the overdrive above the threshold up to a
maximum of approximately 15mA. Consult the curve in
the Typical Performance Characteristics for the No-Load
Recovery Threshold.
If external circuitry forces the output above the no load
recovery circuit’s threshold, the current sink turns on in an
attempt to restore the output voltage to nominal. The
current sink remains on until the external circuitry releases
the output. However, if the external circuitry pulls the
output voltage above the input voltage, or the input falls
below the output, the LT3021 turns the current sink off and
shuts down the bias current/reference generator circuitry.
Thermal Considerations
The LT3021’s power handling capability is limited by its
maximum rated junction temperature of 125
°C.Thepower
dissipated by the device is comprised of two components:
1. Output current multiplied by the input-to-output volt-
age differential: (IOUT)(VIN – VOUT) and
2. GND pin current multiplied by the input voltage:
(IGND)(VIN).
GND pin current is found by examining the GND pin
current curves in the Typical Performance Characteristics.
Power dissipation is equal to the sum of the two compo-
nents listed above.
DC BIAS VOLTAGE (V)
3021 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
TEMPERATURE (
°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3021 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10
µF
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics
1ms/DIV
3021 F04
1mV/DIV
VOUT = 1.3V
COUT = 10µF
ILOAD = 0
Figure 4. Noise Resulting from Tapping on a Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com