Electronic Components Datasheet Search
  English  ▼

X  

MA07483 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07483
Description  SAW Filter 220.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07483 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07483 Datasheet HTML 1Page - Golledge Electronics Ltd MA07483 Datasheet HTML 2Page - Golledge Electronics Ltd MA07483 Datasheet HTML 3Page - Golledge Electronics Ltd MA07483 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 220.0MHz
Model: TA0369A
Part No: MA07483
Rev No: 1
TA0369A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
220
-
Insertion loss 218 ~ 222MHz IL (dB)
-
2.8
4.2
Amplitude ripple 218 ~ 222MHz (dB)
-
1.0
2.2
Attenuation (Reference level from 0dB)
Fc -100 ~ Fc -40 MHz (dB)
42
58
-
Fc +40 ~ Fc +100MHz (dB)
42
57
-
Source impedance ZS ( )
-
50
// 0pF
-
Load impedance ZL ( )
-
50
// 0pF
-
Note 1: The standard definitions is in JIS C 6703
Note 2:
ZIN=50
Ω//0pF
ZOUT=50
Ω//0pF
S ource im pedance
50
Ω
Load im pedance
50
Ω


Similar Part No. - MA07483

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07407 GOLLEDGE-MA07407 Datasheet
106Kb / 4P
SAW Filter 800.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
SAW Filter 70.0MHz
MA07465 GOLLEDGE-MA07465 Datasheet
163Kb / 4P
SAW Filter 1575.42MHz
MA07466 GOLLEDGE-MA07466 Datasheet
232Kb / 5P
1575.420MHz SAW Filter
MA07470 GOLLEDGE-MA07470 Datasheet
192Kb / 4P
SAW Filter 479.50MHz (Two channel)
More results

Similar Description - MA07483

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com