Electronic Components Datasheet Search
  English  ▼

X  

LTC6242 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6242
Description  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6242 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6242 Datasheet HTML 9Page - Linear Technology LTC6242 Datasheet HTML 10Page - Linear Technology LTC6242 Datasheet HTML 11Page - Linear Technology LTC6242 Datasheet HTML 12Page - Linear Technology LTC6242 Datasheet HTML 13Page - Linear Technology LTC6242 Datasheet HTML 14Page - Linear Technology LTC6242 Datasheet HTML 15Page - Linear Technology LTC6242 Datasheet HTML 16Page - Linear Technology LTC6242 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6241/LTC6242
13
62412f
Large Signal Response
Large Signal Response
Output Overdrive Recovery
VS = ±2.5V
AV = –1
RL = 1k
6241 G40
0V
VS = ±2.5V
AV = 3
RL = ∞
500ns/DIV
6241 G41
0V
0V
VIN
(1V/DIV)
VOUT
(2V/DIV)
VS = ±5V
AV = 1
RL = ∞
6241 G39
0V
Small Signal Response
VS = ±2.5V
AV = 1
RL = ∞
6241 G38
0V
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com