Electronic Components Datasheet Search
  English  ▼

X  

RF601B2D Datasheet(PDF) 1 Page - Rohm

Part # RF601B2D
Description  Fast recovery Diodes (Silicon Epitaxial Planar)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF601B2D Datasheet(HTML) 1 Page - Rohm

  RF601B2D Datasheet HTML 1Page - Rohm RF601B2D Datasheet HTML 2Page - Rohm RF601B2D Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF
1series
Diodes
1/2
Fast recovery Diodes
(Silicon Epitaxial Planar)
RF
1 series
Applications
High frequency rectification
Features
1) Ultra low VF very fast recovery
2) Fast recovery
3) Low switching loss
4) Standard package TO-220FN, CPD
External dimensions (Unit : mm)
CPD
TO-220FN
(1) Anode
(2) Cathode
(3) Anode
(1) Anode
(2) Cathode
(3) Anode
(2)(3)
(1)
5.5
2.3
2.3
2.3 0.5
0.55
1.2
φ3.2
(2)(3)
(1)
0.8
2.54
2.54
1.3
1.2
10.0
4.5
2.8
0.75
2.6
TO-220FN Center tap type cathode common, Dual elements
CPD Center tap type cathode common, Dual elements
VR
Dual
200V
Ultra low VF type FRD
Single
I O
Dual
200V
Fast recovery type FRD
Single
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
6A
10A
15A
16A
20A
30A
VR
Dual
200V
Ultra low VF type FRD
Single
I O
Dual
200V
Fast recovery type FRD
Single
−
−
−
−
−
−
−
−
−
−
3A
5A
6A
10A


Similar Part No. - RF601B2D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
Fast recovery diodes
RF601B2D ROHM-RF601B2D Datasheet
453Kb / 4P
Fast recovery diodes
RF601B2D ROHM-RF601B2D Datasheet
1Mb / 4P
Fast recovery diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
Fast recovery diodes
RF601B2D ROHM-RF601B2D_09 Datasheet
453Kb / 4P
Fast recovery diodes
More results

Similar Description - RF601B2D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com