Electronic Components Datasheet Search
  English  ▼

X  

RF101 Datasheet(PDF) 2 Page - Rohm

Part # RF101
Description  Fast recovery Diodes (Silicon Epitaxial Planar)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF101 Datasheet(HTML) 2 Page - Rohm

  RF101 Datasheet HTML 1Page - Rohm RF101 Datasheet HTML 2Page - Rohm RF101 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RF
1series
Diodes
2/2
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
RF071M2S RF101L2S RF301B2S RF501B2S RF601B2D RF601T2D RF1001T2D RF1601T2D RF2001T2D
Reverse voltage (repetitive peak)
VRM
IFSM
VR
IO
Tj
Tstg
Reverse voltage (DC)
Average rectified forward current
Forward peak surge current
(60Hz 1cyc.)
Junction temperature
Storage temperature
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
0.7
1.0
3.0
5.0
6.0
6.0
10.0
16.0
20.0
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
∗1
15
20
60
60
60
80
80
80
80
150
150
150
150
150
150
150
150
150
−55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150 −55 to +150
Unit
V
V
A
A
C
C
∗ Mounting on glass epoxi board
Electrical characteristics (Ta=25
°C)
Part No.
IO
VR
RF071M2S
RF101L2S
RF301B2S
RF501B2S
RF601B2D
RF601T2D
RF1001T2D
RF1601T2D
RF2001T2D
0.7A
1A
3A
5A
6A
6A
10A
16A
20A
200V
200V
200V
200V
200V
200V
200V
200V
200V
VF
0.850V
0.870V
0.930V
0.930V
0.930V
0.930V
0.930V
0.930V
0.930V
Max.
Typ.
Max.
Typ.
Max.
Typ.
0.790V
0.815V
0.870V
0.870V
0.870V
0.870V
0.870V
0.870V
0.870V
0.7A
1A
3A
5A
3A
3A
5A
8A
10A
IF
IR
trr
10
µA
10nA
25ns
12ns
12ns
14ns
15ns
14ns
14ns
15ns
18ns
20ns
25ns
25ns
30ns
25ns
25ns
30ns
30ns
30ns
10nA
10nA
10nA
10nA
10nA
10nA
10nA
10nA
10
µA
10
µA
10
µA
10
µA
10
µA
10
µA
10
µA
10
µA
Single
Single
Single
Cathode common
Cathode common
Cathode common
Cathode common
Cathode common
Cathode common
Configurate
Package
PMDU
PMDS
CPD(D-pack)
CPD(D-pack)
CPD(D-pack)
TO-220FN
TO-220FN
TO-220FN
TO-220FN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com