Electronic Components Datasheet Search
  English  ▼

X  

XU Datasheet(PDF) 11 Page - Integrated Device Technology

Part # XU
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XU Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button XU Datasheet HTML 7Page - Integrated Device Technology XU Datasheet HTML 8Page - Integrated Device Technology XU Datasheet HTML 9Page - Integrated Device Technology XU Datasheet HTML 10Page - Integrated Device Technology XU Datasheet HTML 11Page - Integrated Device Technology XU Datasheet HTML 12Page - Integrated Device Technology XU Datasheet HTML 13Page - Integrated Device Technology XU Datasheet HTML 14Page - Integrated Device Technology XU Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
Figure 4 . LV CM OS Out put Wa ve form s
Rise Time/Fall Time Measurements
On Time
½ Period
Period
20% to 80%
10% to 90%
0V to VDD
10% to 90%
Rise Time
90% to 10%
Fall Time
20% to 80%
Rise Time
80% to 20%
Fall Time
Off Time
½ Period
50% VDD
Oscillator Symmetry
Pa c k a ge Out line Dra w ings
The package outline drawings are appended at the end of this document and are accessible from the links below. The package
information is the most current data available.
www.idt.com/document/psc/js6-package-outline-50-x-32-mm-body-11-mm-thick
www.idt.com/document/psc/ju6-package-outline-70-x-50-mm-body-13-mm-thick
www.idt.com/document/psc/js4-package-outline-50-x-32-mm-body-11-mm-thick
www.idt.com/document/psc/ju4-package-outline-70-x-50-mm-body-13-mm-thick



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com