Electronic Components Datasheet Search
  English  ▼

X  

FMP76-01T Datasheet(PDF) 4 Page - IXYS Corporation

Part # FMP76-01T
Description  TrenchTM P & N-Channel Power MOSFET Common Drain Topology
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

FMP76-01T Datasheet(HTML) 4 Page - IXYS Corporation

  FMP76-01T Datasheet HTML 1Page - IXYS Corporation FMP76-01T Datasheet HTML 2Page - IXYS Corporation FMP76-01T Datasheet HTML 3Page - IXYS Corporation FMP76-01T Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
FMP76-01T
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experience,
and constitute a "considered reflection" of the anticipated objective result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Source-Drain Diode
Characteristic Values
T
J = 25°C unless otherwise specified)
Symbol
Test Conditions3
Min.
Typ.
Max.
I
S
V
GS = 0V
62
A
I
SM
Repetitive, pulse width limited by T
JM
350
A
V
SD
I
F = 25A, VGS = 0V, Note 1
1.0
V
t
rr
67
ns
Q
RM
160
nC
I
RM
4.7
A
Note 1: Pulse test, t
≤ 300μs, duty cycle, d ≤ 2 %.
I
F = 25A, -di/dt = 100A/μs
V
R = 50V, VGS = 0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com