Electronic Components Datasheet Search
  English  ▼

X  

IXBH2N250 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXBH2N250
Description  Monolithic Bipolar MOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBH2N250 Datasheet(HTML) 3 Page - IXYS Corporation

  IXBH2N250 Datasheet HTML 1Page - IXYS Corporation IXBH2N250 Datasheet HTML 2Page - IXYS Corporation IXBH2N250 Datasheet HTML 3Page - IXYS Corporation IXBH2N250 Datasheet HTML 4Page - IXYS Corporation IXBH2N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXBH2N250
IXBT2N250
Fig. 1. Output Characteristics @ TJ = 25
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCE - Volts
VGE = 25V
20V
15V
10V
5V
Fig. 2. Extended Output Characteristics @ TJ = 25
oC
0
4
8
12
16
20
24
28
0
4
8
1216
20242832
VCE - Volts
VGE = 25V
10V
15V
20V
Fig. 3. Output Characteristics @ TJ = 125
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VCE - Volts
VGE = 25V
20V
15V
10V
5V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 4A
I C = 2A
I C = 1A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
5
7
9
11
13
15
17
19
21
23
25
VGE - Volts
I C = 4A
TJ = 25
oC
1A
2A
Fig. 6. Input Admittance
0
1
2
3
4
5
6
7
8
9
34
5
6
78
9
10
11
VGE - Volts
TJ = - 40
oC
25
oC
125
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com