Electronic Components Datasheet Search
  English  ▼

X  

IXBL60N360 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXBL60N360
Description  High Voltage, High Frequency, BiMOSFETTM Monolithic Bipolar MOS Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBL60N360 Datasheet(HTML) 2 Page - IXYS Corporation

  IXBL60N360 Datasheet HTML 1Page - IXYS Corporation IXBL60N360 Datasheet HTML 2Page - IXYS Corporation IXBL60N360 Datasheet HTML 3Page - IXYS Corporation IXBL60N360 Datasheet HTML 4Page - IXYS Corporation IXBL60N360 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions and Dimensions.
IXBL60N360
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
37
62
S
C
ies
8140
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
367
pF
C
res
174
pF
R
Gi
Integrated Gate Input Resistance
5.0

Q
g(on)
450
nC
Q
ge
I
C = 60A, VGE = 15V, VCE = 1000V
52
nC
Q
gc
187
nC
t
d(on)
50
ns
t
r
300
ns
t
d(off)
340
ns
t
f
910
ns
t
d(on)
56
ns
t
r
674
ns
t
d(off)
370
ns
t
f
1025
ns
R
thJC
0.30 °C/W
R
thCS
0.15
°C/W
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Device must be heatsunk for high-temperature leakage current
measurements to avoid thermal runaway.
Reverse Diode
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max
V
F
I
F = 60A, VGE = 0V, Note 1
5.0
V
t
rr
1.95
μs
I
RM
78
A
Q
RM
75.7
μC
I
F = 30A, VGE = 0V, -diF/dt = 150A/μs
V
R = 100V, VGE = 0V
Resistive load, T
J = 25°C
I
C = 60A, VGE = 15V
V
CE = 960V, RG = 4.7
Resistive load, T
J = 125°C
I
C = 60A, VGE = 15V
V
CE = 960V, RG = 4.7
ADVANCETECHNICAL
INFORMATION
The product presented herein is under
development.
The Technical Specifica-
tions offered are derived from a subjective
evaluation of the design, based upon prior
knowledge and experience, and constitute a
"considered reflection" of the anticipated
result. IXYS reserves the right to change
limits, test conditions, and dimensions
without notice.
ISOPLUS i5-PakTM HV (IXBL) Outline
PIN 1 = Gate
PIN2 =Emitter
PIN 3 = Collector
PIN 4 = Isolated
SYM
INCHES
MILLIMETER
MIN
MAX
MIN
MAX
A
0.190
0.205
4.83
5.21
A1
0.102
0.118
2.59
3.00
A2
0.046
0.055
1.17
1.40
b
0.045
0.055
1.14
1.40
b1
0.063
0.072
1.60
1.83
b2
0.058
0.068
1.47
1.73
c
0.020
0.029
0.51
0.74
D
1.020
1.040
25.91
26.42
E
0.770
0.799
19.56
20.29
e
0.150 BSC 3.81 BSC
e1
0.450 BSC 11.43 BSC
L
0.780
0.820
19.81
20.83
L1
0.080
0.102
2.03
2.59
Q
0.210
0.235
5.33
5.97
Q1
0.490
0.513
12.45
13.03
R
0.150
0.180
3.81
4.57
R1
0.100
0.130
2.54
3.30
S
0.668
0.690
16.97
17.53
T
0.801
0.821
20.34
20.85
U
0.065
0.080
1.65
2.03
e1
e1
3
1 2
c
E
b3
S
b2
b1
e
4
+



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com