Electronic Components Datasheet Search
  English  ▼

X  

IXSN50N60BD2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSN50N60BD2
Description  Short Circuit SOA Capability Buck & boost configurations
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSN50N60BD2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSN50N60BD2 Datasheet HTML 1Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 2Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 3Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 4Page - IXYS Corporation IXSN50N60BD2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 - 5
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
27
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
3850
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
440
pF
C
res
50
pF
Q
g
167
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
nC
Q
gc
88
nC
t
d(on)
70
ns
t
ri
70
ns
t
d(off)
150
300
ns
t
fi
150
300
ns
E
off
3.3
6.0
mJ
t
d(on)
70
ns
t
ri
70
ns
E
on
2.5
mJ
t
d(off)
230
ns
t
fi
230
ns
E
off
4.8
mJ
R
thJC
0.50 K/W
R
thCK
0.05
K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = Roff = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = Roff = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
typ.
max.
I
R
T
VJ = 25°C VR= VRRM
650
uA
T
VJ = 150°C
2.5
mA
V
F
I
F
= 60 A
1.75
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
2.40
V
I
RM
I
F
= I
C90, VGE = 0 V, -diF/dt = 100 A/ms
8.0
A
V
R = 540 V, TJ = 100°C
t
rr
I
F
= 1 A, -di/dt = 50 A/
ms, V
R = 30 V
35
ns
R
thJC
0.85 K/W
IXSN 50N60BD2
IXSN 50N60BD3
M4 screws (4x) supplied
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
38.00
38.23
1.496
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
miniBLOC, SOT-227 B
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com