| Electronic Components Datasheet Search |
|
SMAJ4465 Datasheet(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
SMAJ4465 Datasheet(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright © 2001 MSCXXXX.PDF 4-07-03 REV A SMAJ4460 thru SMAJ4496 and SMAJ6485 thru SMAJ6491 1.5 Watt Zener Diodes SCOTTSDALE DIVISION ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise specified) MICROSEMI PART NUMBER ZENER VOLTAGE VZ @ IZT VOLTS NOM. TEST CURRENT IZT mA DYNAMIC IMPEDANCE ZZT = IZT OHMS MAX KNEE IMPEDANCE ZZK = IZK OHMS MAX TEST CURRENT IZK mA REVERSE CURRENT IR @ VR µA MAX TEST VOLTAGE VR VOLTS MAXIMUM CONTINOUS CURRENT mA MAXIMUM SURGE CURRENT at 8.3 ms square wave TA = 25 °C A MAXIMUM SURGE CURRENT at 8.3 ms square wave TA = 100 °C A SMAJ6485 3.3 76.0 10 400 1.0 50 1.0 433 - 8.4 SMAJ6486 3.6 69.0 10 400 1.0 50 1.0 397 - 7.8 SMAJ6487 3.9 64.0 9 400 1.0 35 1.0 366 - 7.2 SMAJ6488 4.3 58.0 9 400 1.0 5 1.0 332 - 6.6 SMAJ6489 4.7 53.0 8 500 1.0 4 1.0 304 - 6.0 SMAJ6490 5.1 49.0 7 500 1.0 1 1.0 280 - 5.4 SMAJ6491 5.6 45.0 5 600 1.0 .50 2.0 255 - 5 SMAJ4460 6.2 40.0 4 200 1.0 10 3.72 230 - 4.6 SMAJ4461 6.8 37.0 2.5 200 1.0 5 4.08 210 10 4.2 SMAJ4462 7.5 34.0 2.5 400 0.5 1 4.50 191 9 3.8 SMAJ4463 8.2 31.0 3 400 0.5 .50 4.92 174 7.8 3.4 SMAJ4464 9.1 28.0 4 500 0.5 .30 5.46 157 6.8 3.2 SMAJ4465 10 25.0 5 500 .25 .30 8.0 143 6 2.8 SMAJ4466 11 23.0 6 550 .25 .30 8.8 130 5.2 2.6 SMAJ4467 12 21.0 7 550 .25 .20 9.6 119 4.8 2.4 SMAJ4468 13 19.0 8 550 .25 .05 10.4 110 4.4 2.2 SMAJ4469 15 17.0 9 600 .25 .05 12.0 95 3.6 1.9 SMAJ4470 16 15.5 10 600 .25 .05 12.8 90 3.2 1.6 SMAJ4471 18 14.0 11 650 .25 .05 14.4 79 2.8 1.58 SMAJ4472 20 12.5 12 650 .25 .05 16.0 71 2.4 1.42 SMAJ4473 22 11.5 14 650 .25 .05 17.6 65 2.2 1.3 SMAJ4474 24 10.5 16 700 .25 .05 19.2 60 1.8 1.2 SMAJ4475 27 9.5 18 700 .25 .05 21.6 53 1.6 1.06 SMAJ4476 30 8.5 20 750 .25 .05 24.0 48 1.5 .96 SMAJ4477 33 7.5 25 800 .25 .05 26.4 43 1.32 .86 SMAJ4478 36 7.0 27 850 .25 .05 28.8 40 1.20 .80 SMAJ4479 39 6.5 30 900 .25 .05 31.2 37 1.08 .74 SMAJ4480 43 6.0 40 950 .25 .05 34.4 33 .96 .66 SMAJ4481 47 5.5 50 1000 .25 .05 37.6 30 .90 .60 SMAJ4482 51 5.0 60 1100 .25 .05 40.8 28 .84 .56 SMAJ4483 56 4.5 70 1300 .25 .025 44.8 26 .78 .52 SMAJ4484 62 4.0 80 1500 .25 .025 49.6 23 .70 .46 SMAJ4485 68 3.7 100 1700 .25 .025 54.4 21 .64 .42 SMAJ4486 75 3.3 130 2000 .25 .025 60.4 19 .58 .38 SMAJ4487 82 3.0 160 2500 .25 .025 65.6 17 .52 .34 SMAJ4488 91 2.8 200 3000 .25 .025 72.8 16 .46 .32 SMAJ4489 100 2.5 250 3100 .25 .025 80.0 14 .40 .28 SMAJ4490 110 2.0 300 4000 .25 .025 88.0 13 .38 .26 SMAJ4491 120 2.0 400 4500 .25 .025 96.0 12 .36 .24 SMAJ4492 130 1.9 500 5000 .25 .025 104 11 .32 .22 SMAJ4493 150 1.7 700 6000 .25 .025 120 9.5 .28 .19 SMAJ4494 160 1.6 1000 6500 .25 .025 128 8.9 .24 .178 SMAJ4495 180 1.4 1300 7000 .25 .025 144 7.9 .20 .158 SMAJ4496 200 1.2 1500 8000 .25 .025 160 7.2 .16 .144 Notes: 1. No suffix indicates a ±5% tolerance on nominal VZ, C denotes a ±2% tolerance, and D denotes a ±1% tolerance. 2. Zener voltage (Vz) is measured at TL = 30 °C. Voltage measurement to be performed 90 seconds after application of dc current. 3. The zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to 10% of the dc zener current (IZT or IZK). 4. Vf at 200 mA 1.2 volts maximum and Vf at 1.0 A 1.5 volts maximum. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |