Electronic Components Datasheet Search
  English  ▼

X  

MP01171 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01171
Description  SAW Filter 312.150MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01171 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01171 Datasheet HTML 1Page - Golledge Electronics Ltd MP01171 Datasheet HTML 2Page - Golledge Electronics Ltd MP01171 Datasheet HTML 3Page - Golledge Electronics Ltd MP01171 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 312.150MHz
Model: TA0365A
Part No: MP01171
Rev No:1
TA0365A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 6V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA = -40°C to +85°C
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
312.15
-
1
Minimum IL (311.97 ~ 312.37MHz) (dB) IL min
-
2.4
4.0
Pass band (relative to IL min)
311.92 ~ 312.35 MHz (dB)
-
1.5
3.0
311.86 ~ 312.41 MHz (dB)
-
2.0
6.0
1
Pass bandwidth (relative to IL min) BW3 (kHz)
800
950
-
Attenuation: (relative to IL min) (dB)
10 ~ 270MHz (dB)
45
50
-
270 ~ 306MHz (dB)
30
35
-
306 ~ 311.09MHz (dB)
15
20
-
313.2 ~ 332MHz (dB)
10
15
-
1
332 ~ 400MHz (dB)
35
40
-
400 ~ 1000 MHz (dB)
45
50
-
Impedance at Fc; Input ZIN = RIN // CIN
Output ZOUT = ROUT // COUT
362
// 5.1pF
362
// 5.1 pF
Note 1: The standard definitions is in JIS C 6703


Similar Part No. - MP01171

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01170 GOLLEDGE-MP01170 Datasheet
195Kb / 4P
SAW Filter 311.040MHz
logo
Multicomp Pro
MP011700 MULTICOMP-MP011700 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
MP011701 MULTICOMP-MP011701 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
MP011702 MULTICOMP-MP011702 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
logo
Golledge Electronics Lt...
MP01175 GOLLEDGE-MP01175 Datasheet
156Kb / 6P
SAW Filter 1575.42MHz
More results

Similar Description - MP01171

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com