Electronic Components Datasheet Search
  English  ▼

X  

MA08910 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA08910
Description  SAW Filter 433.920MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08910 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA08910 Datasheet HTML 1Page - Golledge Electronics Ltd MA08910 Datasheet HTML 2Page - Golledge Electronics Ltd MA08910 Datasheet HTML 3Page - Golledge Electronics Ltd MA08910 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 433.920MHz
Model: TA0322A
Part No: MA08910
Rev No: 1
TA0322A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: TA = -40 to 85°C
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
433.92
-
1
Minimum IL (dB) IL min
-
3.0
4.0
Pass band (relative to IL min)
433.67 ~ 434.17MHz (dB)
-
0.7
3.0
1
Pass bandwidth (relative to IL min) BW3 (kHz)
500
950
-
Attenuation: (relative to IL min) (dB)
410 ~ 412.52MHz (dB)
47
52
-
412.52 ~ 423.22MHz (dB)
40
45
-
423.22 ~ 432.92MHz (dB)
15
22
-
434.92 ~ 444.62MHz (dB)
10
15
-
444.62 ~ 455.32MHz (dB)
38
43
-
455.32 ~ 1000MHz (dB)
43
48
-
1
Impedance at Fc; Input ZIN = RIN // CIN
Output ZOUT = ROUT // COUT
865
// 2.5pF
865
// 2.5pF
Turnover To (deg. C)
Note 1. The standard definitions is in JIS C 6703


Similar Part No. - MA08910

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08914 GOLLEDGE-MA08914 Datasheet
125Kb / 5P
173.075 MHz SAW Filter
MA08915 GOLLEDGE-MA08915 Datasheet
126Kb / 5P
SAW Filter 164.1750MHz
MA08916 GOLLEDGE-MA08916 Datasheet
126Kb / 5P
SAW Filter 169.20MHz
MA08918 GOLLEDGE-MA08918 Datasheet
205Kb / 6P
SAW Filter 2140.0MHz
More results

Similar Description - MA08910

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS433.92N03-SE ABRACON-AFS433.92N03-SE Datasheet
243Kb / 2P
433.920MHz SURFACE MOUNT SAW FILTER
07.02.07
logo
Golledge Electronics Lt...
MA03137 GOLLEDGE-MA03137 Datasheet
194Kb / 4P
SAW Filter 433.920MHz
MA05277 GOLLEDGE-MA05277 Datasheet
367Kb / 5P
SAW Filter 433.920MHz
MP01062 GOLLEDGE-MP01062 Datasheet
103Kb / 5P
SAW Filter 433.920MHz
MA09246 GOLLEDGE-MA09246 Datasheet
183Kb / 5P
433.920MHz SAW Filter
MA09182 GOLLEDGE-MA09182 Datasheet
228Kb / 5P
433.920MHz SAW Filter
MP07645 GOLLEDGE-MP07645 Datasheet
267Kb / 6P
SAW Filter 433.920MHz
MP06772 GOLLEDGE-MP06772 Datasheet
203Kb / 6P
SAW Filter 433.920MHz
MA06413 GOLLEDGE-MA06413 Datasheet
209Kb / 4P
SAW Resonator 433.920MHz
MA03138 GOLLEDGE-MA03138 Datasheet
291Kb / 4P
SAW Resonator 433.920MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com