Electronic Components Datasheet Search
  English  ▼

X  

OPB856Z Datasheet(PDF) 1 Page - TT Electronics.

Part # OPB856Z
Description  Wide Gap Optical Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB856Z Datasheet(HTML) 1 Page - TT Electronics.

  OPB856Z Datasheet HTML 1Page - TT Electronics. OPB856Z Datasheet HTML 2Page - TT Electronics. OPB856Z Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The OPB856 emitter and sensor pair consists of an LED (935 nm) and a Phototransistor designed to operate efficiently with
each other. They are mounted in a threaded (M12x1TH) color-coded housing. The LED (white) and the Phototransistor
(black) are designed to easily panel mount in through a 0.4724” (12.0 mm) hole. A 12 mm nut is included for each housing.
Both components is designed to electrically mate with a Molex (03-06-2023) connector.
The OPB856 pair are designed to operate with separation distances between the LED and Phototransistor up to 12” (30.48
cm).
For Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for more
information.
Non-contact interruptive object sensing
Assembly line automation
Machine automation
Equipment security
Machine safety
 Designed for Industrial applications
 Threaded housing (M12 X 1 TH), Nut included
 Molded connectors mates with Molex 03-06-2023 plug.
 Emitter (White) and Senor (Black) housing color coded
Ordering Information
Optical Pair
Part Number
LED Peak
Wavelength
Sensor
Connector Type
OPB856Z
935 nm
Transistor
Use Molex 03-06-2023
1
2
1
2
LED
Phototransistor
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
Housing
LED - White
Sensor - Black
White Housing
Black Housing
Plug
MOLEX 03-06-2023
MOLEX 03-06-2023
Pin #
LED
Pin #
Phototransistor
Pin for Plug
Male
MOLEX 02-06-6122
Female
MOLEX 02-06-7104
1
Anode
1
Emitter
2
Cathode
2
Collector
RoHS


Similar Part No. - OPB856Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB856Z OPTEK-OPB856Z Datasheet
412Kb / 3P
Wide Gap Optical Sensor
logo
TT Electronics.
OPB856Z TTELEC-OPB856Z Datasheet
387Kb / 3P
Wide Gap Optical Sensor
09/2016
More results

Similar Description - OPB856Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB800L OPTEK-OPB800L Datasheet
359Kb / 4P
WIDE GAP SLOTTED OPTICAL SWITCHES
January 2005
OPB856 OPTEK-OPB856 Datasheet
305Kb / 2P
Wide Gap Optical Sensor
Jul-1996
OPB800W OPTEK-OPB800W Datasheet
404Kb / 4P
WIDE GAP SLOTTED OPTICAL SWITCHES
logo
Honeywell Solid State E...
HOA1888 HONEYWELL-HOA1888 Datasheet
155Kb / 4P
Wide Gap Transmissive Sensor
logo
OPTEK Technologies
OPB856Z OPTEK-OPB856Z Datasheet
412Kb / 3P
Wide Gap Optical Sensor
OPB800L OPTEK-OPB800L_06 Datasheet
368Kb / 4P
WIDE GAP SLOTTED OPTICAL SWITCHES
January 2006
OPB810W51Z OPTEK-OPB810W51Z Datasheet
200Kb / 5P
Wide Gap Slotted Optical Switch
logo
KODENSHI_AUK CORP.
SG268 KODENSHI-SG268 Datasheet
275Kb / 2P
Wide GAP/
logo
TT Electronics.
OPB900 TTELEC-OPB900 Datasheet
633Kb / 4P
Slotted Optical Switch Wide Gap Series
OPB800 TTELEC-OPB800 Datasheet
666Kb / 5P
Wide Gap Slotted Optical Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com