Electronic Components Datasheet Search
  English  ▼

X  

OPI120TX Datasheet(PDF) 2 Page - TT Electronics.

Part # OPI120TX
Description  High Reliability Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI120TX Datasheet(HTML) 2 Page - TT Electronics.

  OPI120TX Datasheet HTML 1Page - TT Electronics. OPI120TX Datasheet HTML 2Page - TT Electronics. OPI120TX Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
High Reliability Optically
Coupled Isolator
OPI120TX, OPI120TXV
Issue B
11/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Notes: 
(1)  Measured with input leads shorted together and output leads shorted together in air with a maximum rela ve humidity of 50%.  If suitably 
encapsulated or oil‐immersed, the isola on voltage is increased to at least 25 kV. 
(2)  Derate linearly 2.0 mW/° C above 25° C. 
(3)  Derate linearly 2.5 mW/° C above 25° C. 
(4)  Methanol or isopropanol are recommended as cleaning agents. 
Absolute Maximum Ra ngs (TA = 25° C unless otherwise noted)  
Opera ng Temperature Range 
‐65° C to +125° C 
Storage Temperature Range 
‐65° C to +150° C 
Lead Soldering Temperature
 [1/16 inch (1.6 mm) from the case for 5 seconds with soldering iron] 
260° C 
Input Diode  
Forward DC Current 
100 mA 
Reverse Voltage 
2 V 
Power Dissipa on
(2) 
200 mW 
Output Phototransistor 
Collector‐Emi er Voltage 
30 V 
Emi er‐Base Voltage 
5 V 
Power Dissipa on
(3) 
250 mW 
Input‐to‐Output Isola on Voltage
(1) 
±15 kVDC 
Collector‐Base Voltage 
30 V 
Con nuous Collector Current 
50 mA 
Electrical Characteris cs (TA = 25° C unless otherwise noted) 
SYMBOL 
PARAMETER 
MIN 
TYP 
MAX 
UNITS 
TEST CONDITIONS 
Input Diode (See OP236TX and OP236TXV for addi onal informa on ‐ for reference only) 
VF  
Forward Voltage
(4)  
1.00 
1.40 
1.70 
V  
IF = 30 mA 
1.20 
1.60 
1.90 
IF = 30 mA, TA = ‐55° C 
0.90 
1.15 
1.50 
IF = 30 mA, TA = 100° C 
IR 
Reverse Current ‐ 
0.1 
10 
µA 
VR = 2 V 
Output Phototransistor (See OP804TX, OP805TX and OP804TXV for addi onal informa on ‐ for reference only) 
V(BR)CBO 
Collector‐Base Breakdown Voltage 
30 
40 ‐ 
V 
IC = 100 µA , IE = 0, IF = 0 
V(BR)CEO 
Collector‐Emi er Breakdown Voltage 
30 
40 ‐ 
V 
IC = 100 µA , IB = 0, IF = 0 
V(BR)EBO 
Emi er‐Base Breakdown Voltage 
5 ‐ 
‐ 
V 
IC = 100 µA , IC = 0, IF = 0 
IC(OFF) ‐ 
0.2 
100 
na 
VCE = 10 V, IB = 0, IF = 0 
ICB(OFF)  
‐ 
10 
100 
µA 
VCE = 10 V, IB = 0, IF = 0, TA = 100° C 
Collector‐Base Dark Current 
 
‐ 
0.1 
10 
nA 
VCB = 10 V, IE = 0, IF = 0 
Collector‐Emi er Dark Current 
 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com