Electronic Components Datasheet Search
  English  ▼

X  

OPI123 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPI123
Description  Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI123 Datasheet(HTML) 3 Page - TT Electronics.

  OPI123 Datasheet HTML 1Page - TT Electronics. OPI123 Datasheet HTML 2Page - TT Electronics. OPI123 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optically Coupled Isolator
OPI120, OPI123
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Issue C
10/2017
Page 3
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
Electrical Characteristics
(-40
o C to +85° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
OPI120
OPI123
-
-
-
-
1.5
1.5
V
IF = 30 mA
IF = 10 mA
IR
Reverse Current
-
-
100
µA
VR = 3 V
Output Photosensor (See OP236 for additional information - for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OPI120
OPI123
25
20
-
-
-
-
V
IC = 1 mA
IC = 1 mA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
V(BR)CBO
Collector-Base Breakdown Voltage
OPI120
25
-
-
V
IC = 1 mA
ICEO
Collector-Emitter Dark Current
-
-
100
nA
VCE = 10 V
Coupled (See OP804 and OP805 for additional information - for reference only)
IC/IF
DC Current Transfer Ratio
OPI120
OPI123
20
50
70
-
-
-
%
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 2 V
VCE(SAT)
Collector Saturation Voltage
OPI120
OPI123
-
-
-
-
0.5
1.2
V
IF = 30 mA, IC = 1 mA
IF = 5 mA, IC = 1 mA
IC(ON)
On Collector Current
OPI120
OP123
2.0
5.0
-
-
50
-
mA
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 2 V
ICB(ON)
On Collector Base Current—OPI120
15
-
-
µA
IF = 30 mA, VCB = 5 V
VISO
Isolation Voltage
(1)
15
-
-
kV
See note 1
tr, tf
Output Rise Time, Output Fall Time
OPI120
OPI123
-
-
2
40
-
-
µs
See Test Circuit
Notes:
(1)
Measured with input and output leads shorted in air with a maximum relative humidity of 50%.
If suitably encapsulated or oil-immersed, the isolation voltage is increased to 25 kV minimum.
Vcc
Vout
Vcc
R = 200 Ohms
R = 50 Ohms
I = 10 mA
F
F
I = 10 mA
R = 50 Ohms
R = 200 Ohms
Vcc
Vout
Vcc
OPI120
Test Circuit
OPI123



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com