Electronic Components Datasheet Search
  English  ▼

X  

OPIA404B Datasheet(PDF) 1 Page - TT Electronics.

Part # OPIA404B
Description  SMD, SOP and SSOP Packages
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPIA404B Datasheet(HTML) 1 Page - TT Electronics.

  OPIA404B Datasheet HTML 1Page - TT Electronics. OPIA404B Datasheet HTML 2Page - TT Electronics. OPIA404B Datasheet HTML 3Page - TT Electronics. OPIA404B Datasheet HTML 4Page - TT Electronics. OPIA404B Datasheet HTML 5Page - TT Electronics. OPIA404B Datasheet HTML 6Page - TT Electronics. OPIA404B Datasheet HTML 7Page - TT Electronics. OPIA404B Datasheet HTML 8Page - TT Electronics. OPIA404B Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B
9/2010
Page 1 of 31
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPIA401 through OPIA409, OPIA414
SMD, SOP and SSOP Packages
Description:
The OPIA series optocouplers are designed for applications that use an analog output (Phototransistor or
Photodarlington) in a surface mount package. A wide selection of configurations are available. With typical
isolation voltage of 2,500 or 3,750 Volts(RMS), these products meet typical power system isolation requirements.
Theory of operation: The LED transmitter is used to illuminate the Photo sensor providing electrical isolation
between two power systems while maintaining the ability to transmit information from one power system to the
other. In many applications, analog signal levels may be required to be transmitted between two power systems
while maintaining isolation between the power systems up to 3,750 Volts(RMS). A variety of LED and photo
sensor configurations are available depending on the system requirements.
The Current Transfer Ratio (CTR) is determined using the output current and input current for analog photo
sensors. CTR ratios can range from as low as 5 to over 9,000 depending on the device.
All SMD products are shipped in a shipping tube with “TR” identified on the end of the part number.
Example:
OPI401ATRE is a 4-Pin SMD shipped in tape and reel (TR)
Features:
•
2,500 or 3,750 Vrms electrical isolation
•
Choice of a Single and Dual LED
•
Phototransistor or Photo Darlington Sensor
•
Low-cost plastic Dual-In-Line (DIP) package
Agency Approvals:
•
UL Certification No: E58730
•
VDE No: 40026577(OPIA401-404), 40026553(OPIA405-409)
RoHS
Applications:
• High voltage isolation: 2,500 or 3,750 Volts(RMS)
• PCBoard power system isolation
• Industrial equipment power isolation
• Medical equipment power isolation
• Office equipment
200
100
*
10
20
=
=
−
−
=
mA
mA
Current
LED
Current
r
Photosenso
CTR


Similar Part No. - OPIA404B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPIA4010 TTELEC-OPIA4010 Datasheet
1Mb / 17P
DIP Package
More results

Similar Description - OPIA404B

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
HPR1XX CANDD-HPR1XX Datasheet
352Kb / 4P
MINIATURE SIP, DIP AND SMD PACKAGES
logo
Macronix International
MX23C6410 MCNIX-MX23C6410 Datasheet
518Kb / 8P
64M-BIT Mask ROM (8/16 Bit Output) For SOP and TSOP Packages
logo
Estek Electronics Co. L...
24C02 ESTEK-24C02 Datasheet
1Mb / 13P
8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
List of Unclassifed Man...
IC189-0162-019 ETC2-IC189-0162-019 Datasheet
444Kb / 7P
SOP (Small Outline Packages, Gullwing Leads)
logo
STMicroelectronics
TN1208 STMICROELECTRONICS-TN1208 Datasheet
748Kb / 13P
Tape and reel shipping media for STM8 and STM32 microcontrollers in TSSOP and SSOP packages
17-Mar-2015
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_14 Datasheet
951Kb / 50P
28-pin SOP/SKDIP竊?8-pin SSOP
2014-07-28
logo
TT Electronics.
OPIA500B TTELEC-OPIA500B Datasheet
1Mb / 23P
SMD and SOP Packages
logo
HALO Electronics, Inc.
LD01-0506KRL HALO-LD01-0506KRL Datasheet
508Kb / 2P
16 Pin DIP and SMD Packages
LG01-0346N1LF HALO-LG01-0346N1LF Datasheet
446Kb / 2P
DIL and SMD Packages
logo
Vishay Siliconix
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Dec-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com