Electronic Components Datasheet Search
  English  ▼

X  

BD351 Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BD351
Description  Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BD351 Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BD351 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BD351 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BD351 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
3
Gas
`
Bu
H
L
L
Ele
D
Ap
Fea
Age
O
1) A
2) In
3) T
3www.ben
s Discharge
uilt-in Linear
High Current H
ow Capacitan
ong Service L
ctrical Para
DC-48V Pow
plication in
atures
ency Appro
DC Breakd
Impulse Sp
Impulse Di
Insulati
DC Wo
Co
Ar
perating and
W
M
At delivery A
n ionized mo
Terms and cu
Icon
C
C
M
C
ncent.com
Tube
r Resistor Tri
Handling Cap
nce and Inser
Life
ameter
wer Port
nformation
ovals
down Voltage
park-Over Vol
scharge Curr
ion Resistanc
orking Voltag
o (1MHz)
rc Voltage
storage Tem
Weight
Marking
AQL 0.65 lev
ode
urrent wavefo
Compliance with
Compliance with
Mean lead free
Compliance with
m.cn
igger and Fas
pability20,00
rtion Loss
e
1 2
ltage
rent
3
ce
ge
mperature
el II, GB/T
orms in acco
Description
h 2011/65/EU
hIEC61249-2-21
h UL1449, Certi
st Response
00A @ 8/20μ
100V/
1.2/50
μs -8/
6KV/3K
8/20
μs,±5
DC100
3000A·H B
100A·H B
VDC=0.
At 1 A
2828.1-2003
rdance with
n
:2003
ificated E337906
Customers sho
μs
Sc
Pa
Ex
/s
/20
μs:
KA
5times
0V
Battery
Battery
5V
A
ITU-T Rec.
6
S
uld verify actua
chematic Sy
ackage (Top
xterior
1
K. 12; IEC 6
1
Specifications a
al device perfor
ymbol
p View)
280~420
≤950
20
≥1G
48
75
≤1.5
>80
-40-90
~6.2
Without
2
3
61643-21
2
3
are subject to ch
rmance in their
Order
Ver
5
4
4
5
BD3
hange without n
specific applic
Code:
BD
rsion: A2 2014
V
V
KA
Ω
V
V
pF
V
℃
g
6
6
351
notice.
ations
D351
4-06-30
A


Similar Part No. - BD351

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3512MUV ROHM-BD3512MUV Datasheet
675Kb / 17P
Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
logo
Won-Top Electronics
BD35160 WTE-BD35160 Datasheet
31Kb / 2P
35A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
logo
Shanghai Shunye Electro...
BD351N SHUNYE-BD351N Datasheet
231Kb / 2P
35 AMP BLOCK DIODES
BD351P SHUNYE-BD351P Datasheet
231Kb / 2P
35 AMP BLOCK DIODES
More results

Similar Description - BD351

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
logo
Shenzhen Bencent Electr...
B5G3600 BENCENT-B5G3600 Datasheet
187Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com