Electronic Components Datasheet Search
  English  ▼

X  

BV_SM712 Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV_SM712
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV_SM712 Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV_SM712 Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV_SM712 Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV_SM712 Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV_SM712 Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
/4
Tra
s
P
Th
En
Hi
Hi
Hi
Hi
Pr
Re
N
(
(
V
4
www.ben
ansient Vo
symbol
TJ
TS
BV
(1)
art Number
hermal Cons
nvironmenta
T
igh temperatu
igh Temperat
igh-low Temp
igh Temperat
ressure cooke
esistance of s
ote: The abov
(1) Bencent T
(2) Series: SM
V-I Curve
Parameter
VC
Ipp
VDRM
VBR
IDRM
IR
Ppp
ncent.com.c
oltage Sup
SM712
(2)
ring System
siderations
al Character
Testing items
ure Reverse B
ture Life Test
perature Cycl
ture &High H
er Test
soldering heat
ve testing item
Transient Volt
M712 etc
rs
Su
Re
Peak
n
ppressor
Operating J
Stora
m
ristics
s
Bias Test
t
le test
Humidity Test
t
ms can be spe
tage Suppress
Definiti
Clamping v
urge waveform
Stand-off V
Breakdown V
everse Leakag
Test curr
k Pulse Power
Paramete
Junction Tem
age Temperatu
Tempera
Time:16
Tempera
Time:16
Tempera
Dwell ti
t
Tempera
Time:16
Tempera
Time:24
Tempera
Time of
ecified by cus
sor
ion
voltage
m 8/20μs
Voltage
Voltage
ge Current
rent
r Dissipation
Customers sho
er
mperature Ran
ure Range
M
ature: 150±3℃
68H
ature: 150℃
68H
ature: From -
me :30min
ature: 85℃Hu
68H
ature: 121℃,
4H
ature: 260±5℃
f dip soldering
stomer’s spec
S
uld verify actua
nge
Mark
Techn
℃ Bias=80%
40℃ to125℃
n,10cycles
umidity:85%
2atm. Hum
℃
g:10s,3tim
cial request
V
DR
V
BR
V
C
Specifications a
al device perfor
O
B4
BC: Part N
09
nical standard
%VDRM
℃
midity:100%
mes
B006
09
M
RM
I
DRM
IR
I
PP
BV
are subject to ch
rmance in their
rder Code:
Version
Value
-55 to +150
-55 to +150
42LC
Number
909
ds
6U2G
909
M72
I
DRM
I
R
V
D
I
PP
V_SM71
hange without n
specific applic
BV_SM7
n: A0
2013-12
Uni
℃
℃
G
DRM
V
BR
V
C
12
notice.
ations
712
2-26
it
C
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com