Electronic Components Datasheet Search
  English  ▼

X  

BV03DW Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03DW
Description  Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03DW Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03DW Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03DW Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
/4
BV03DW
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BV03DW
Version: A2
2016-08-15
Transient Voltage Suppressor
IEC 61000-4-2(ESD)±15KV(air), ±8KV(contact)
450Watts peak pulse power (tp=8/20
μS)
Ultra low capacitance: 3.0 pF maximum
Low clamping voltage
Moisture sensitivity level:Level 1
Weight 5.0 mg
Small package: SOD323
Ethernet
Part
Number
IDRM@VDRM
VBR
@IR
Vc@Ipp
Vc@Ipp
CO
μA
V
V
mA
V
A
V
A
pF
MAX
MIN
MAX
MAX
MAX
BV03DW
0.5
3.3
3.5
1
5.8
1
18
25
3
Absolute maximum ratings measured at T= 25ºC RH = 45%-75% (unless otherwise noted).
VBR is measured at IR=1mA
Surge Waveform: 8/20
μ S.
Off-state capacitance is measured in VDC=0V,VRMS=1V,f=1MHz
Part Number and Electrical Parameter
BV
03DW
(1)
(2)
Part Numbering System
Mark
B42LC
K3: Part Number
Application Information
Features
Exterior
0909
Agency Approvals
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
B006U2G
0909
1
2
(1) Bencent Transient Voltage Suppressor
(2) Series: 03 etc.
SOD323
K3


Similar Part No. - BV03DW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BV03DW BENCENT-BV03DW Datasheet
481Kb / 4P
Ultra low capacitance - 3.0 pF maximum
More results

Similar Description - BV03DW

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com