Electronic Components Datasheet Search
  English  ▼

X  

NFSL757GT Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFSL757GT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFSL757GT Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFSL757GT Datasheet HTML 1Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 2Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 3Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 4Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 5Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 6Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 7Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 8Page - NICHIA CORPORATION NFSL757GT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NICHIA STS-DA1-4424 <Cat.No.160902>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
150
mA
Pulse Forward Current
IFP
200
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
495
mW
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
120
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP
conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=65mA
2.88
-
V
R95
Luminous Flux
Φ
v
IF=65mA
23.3
-
lm
Chromaticity Coordinate
x
-
IF=65mA
0.4338
-
-
y
-
IF=65mA
0.4030
-
-
Thermal Resistance
RθJS
-
24
30
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is the thermal resistance from the junction to the TS measurement point.
Test board: FR4 board thickness=1.6mm, copper layer thickness=0.07mm
* This product uses a unique red phosphor that has a slow response time; when compared with the blue die and green phosphor
in the product, the red will fluoresce with a delayed pulse of about 5msec and have an afterglow for about 5msec
after the blue die dims. If the LEDs are operated with a pulse current, ensure there are no issues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com