Electronic Components Datasheet Search
  English  ▼

X  

047RMS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 10Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 11Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 12Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2000 Jan 18
11
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
Impedance (Z)
Fig.9 Typical impedance as a function of ambient temperature.
Curve 1: 470
µF, 16 V.
Curve 2: 330
µF, 40 V.
Curve 3: 1000
µF, 35 V.
Curve 4: 1000
µF, 16 V.
Curve 5: 3300
µF, 16 V.
Z at 10 kHz.
handbook, 4 columns
MGB171
020
40
20
40
60
80
100
Tamb ( C)
o
60
10
1
120
Z
( )
Ω
10
1
10 2
1
2
3
4
5
Fig.10 Typical impedance as a function of frequency.
Curve 1: 100
µF, 63 V.
Curve 2: 220
µF, 63 V.
Curve 3: 470
µF, 50 V.
Curve 4: 1000
µF, 35 V.
Curve 5: 2200
µF, 25 V.
Curve 6: 4700
µF, 16 V.
Tamb =20 °C.
handbook, 4 columns
10
5
MGB155
10
4
10
3
10
2
10
102
10
1
f (Hz)
Z
( )
Ω
10
1
10
2
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com