Electronic Components Datasheet Search
  English  ▼

X  

IX6610T Datasheet(PDF) 19 Page - IXYS Corporation

Part # IX6610T
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610T Datasheet(HTML) 19 Page - IXYS Corporation

Back Button IX6610T Datasheet HTML 15Page - IXYS Corporation IX6610T Datasheet HTML 16Page - IXYS Corporation IX6610T Datasheet HTML 17Page - IXYS Corporation IX6610T Datasheet HTML 18Page - IXYS Corporation IX6610T Datasheet HTML 19Page - IXYS Corporation IX6610T Datasheet HTML 20Page - IXYS Corporation IX6610T Datasheet HTML 21Page - IXYS Corporation IX6610T Datasheet HTML 22Page - IXYS Corporation IX6610T Datasheet HTML 23Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
IX6610
R00A
PRELIMINARY
19
FLTRST clears the fault flags, and normal operation
resumes.
If the FAULT1 and FAULT2 flags are set by secondary
side under voltage or over voltage faults, then the input
signals are not disabled, and the fault flags are reset
only by a logic high signal at the FLTRST input.
A secondary side IGBT power stage over current fault
is latched, FAULT2 output is asserted logic high, and
the input signals are not disabled. The flag is reset
only by applying a logic high signal to the FLTRST
input.
The MCU can continuously monitor the FAULT1 and
FAULT2 flags. If the fault flags are set, then the MCU
will determine the fault condition by detecting the fault
signals and manipulating the FLTRST as shown in
Figure 5 through Figure 10 and the MCU FAULT
HANDLING FLOW diagram.
2.1.9
Push-Pull Power Converter Control
The IX6610 contains all necessary components to
implement a push-pull power converter. Push-pull
topology provides a simple solution for making
isolated power supplies. Push-pull converter topology
allows multiple isolated outputs, stepup/stepdown
and/or inverted output with low output ripple.
The circuit drives two internal high current switches
connected to an external center tapped transformer
providing dual isolated secondary side positive and
negative voltages for the IGBT drivers in addition to an
isolated bootstrapped 5V supply to the IX6610. The
transformer’s secondary to primary winding ratio
determines the isolated output voltages.
The power converter has a startup mode and a run
mode. In the startup mode, the converter operates
from the internal oscillator or MCU Clock. In the
startup mode, to reduce the dynamic current
consumption/power dissipation, only a portion of the
power switches are enabled. In the run mode, the
power converter operates from the internal oscillator
or MCU clock with variable duty cycle. In the run mode
the entire power switch is enabled. The power
converter switches from startup mode to run mode
when the IX6610 has detected a reflected voltage
threshold of 1.9375*VIN on the TRDCP pin during the
driver disabled period. The run mode is held off until
the reflected voltage threshold detect has been valid
for 128 clocks or ~1.28ms. Transmit operation is also
disabled during startup mode to minimize current draw
in the secondary. Once run mode begins, the IX6610
will no longer monitor the TRDCP voltage, and will
continue this mode of operation until a reset occurs
returning the power converter to startup mode.
2.1.10 Watchdog Timer
The internal oscillator or an external MCU provides a
clock signal to the push-pull power converter.
Oscillator failure or MCU clock failure can cause
excessive DC current in the primary winding of the
power converter. To prevent excessive power
dissipation and potential failure of the IC due to clock
failure, a watchdog timer is included in IX6610.
Whenever the push-pull converter clock is not
recognized as a valid clock, the internal clock will take
over clocking of the power converter until a valid
external clock is detected.
2.1.11 Thermal Shutdown (THSD)
The IX6610 contains a Thermal Shutdown circuit to
protect the device against damage due to excessive
die temperature. When the junction temperature
exceeds 150°C, the power converter is disabled. The
device resumes normal operation when the junction
temperature falls below 130°C. Thermal shutdown
status is transmitted via the FAULT1 and FAULT2 pins
to the MCU.
2.1.12 5V Startup Regulator (VCC)
The IX6610 VCC startup regulator provides power to
the LDO when the auxiliary winding voltage is less
than 4.1V. To reduce power loss and to improve
efficiency, the startup regulator is connected to the
auxiliary winding pin VAUX. The VAUX pin is sourced
from the auxiliary winding when the voltage is greater
than 4.1V. A large ceramic bypass capacitor is
required at the VAUX pin. Reference voltage to the
regulator is provided by the internal chopper-stabilized
bandgap voltage reference circuit.
FAULT1
FAULT2
Operational Status
00
Normal operation
10
Primary or secondary side UVLO
condition
01
Primary side OVLO or secondary side
power stage fault condition
11
Primary side OVERTEMP or secondary
side OVLO condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com