Electronic Components Datasheet Search
  English  ▼

X  

IX6610TR Datasheet(PDF) 18 Page - IXYS Corporation

Part # IX6610TR
Description  Transformer Coupled Driver Logic Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6610TR Datasheet(HTML) 18 Page - IXYS Corporation

Back Button IX6610TR Datasheet HTML 14Page - IXYS Corporation IX6610TR Datasheet HTML 15Page - IXYS Corporation IX6610TR Datasheet HTML 16Page - IXYS Corporation IX6610TR Datasheet HTML 17Page - IXYS Corporation IX6610TR Datasheet HTML 18Page - IXYS Corporation IX6610TR Datasheet HTML 19Page - IXYS Corporation IX6610TR Datasheet HTML 20Page - IXYS Corporation IX6610TR Datasheet HTML 21Page - IXYS Corporation IX6610TR Datasheet HTML 22Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18
PRELIMINARY
R00A
IX6610
2.1.2
Short Pulse Filter
A narrow pulse detector is implemented in the IX6610
to prevent transmission of very narrow false PWM
input signals to the IGBT drivers due to noise coupling
at the input pins. Input signal pulse widths narrower
than 100ns will be suppressed and pulse widths
greater than 350ns will be transferred to the IGBT
drivers.
2.1.3
Dead Time Generator
In the half bridge driver configuration, dead time needs
to be added to the incoming input signals to prevent
shoot through due to overlap of the high side and low
side drivers. The required dead time is programmed
by the external MCU.
The IX6610 also contains a dead time circuit that adds
dead time to the input signals INA and INB after the
input signal interlock function. This dead time applies
only if the programmed MCU dead time is shorter than
the IX6610 dead time. The IX6610 dead time can be
programmed by changing the external capacitors at
the CA and CB terminals. Figure 1 shows the dead
time insertion.
2.1.4
Oscillator
The IX6610 includes a 200kHz internal oscillator
circuit that provides a 100kHz, 47% duty cycle clock to
the power converter control circuit. The oscillator
circuit provides the necessary high frequency clock
signals to the watchdog timer. The power converter
begins operation using the internal oscillator, and
switches over to the MCU CLK input once it has
detected a valid clock. Note that if the MCU CLK
stops, then the power converter will be clocked by the
internal oscillator. Figure 3 shows the relationship of
external CLK to the power converter clock. Duty cycle
of CLK pin input determines the duty cycle of the
power converter operation using the following formula:
2.1.5
Under Voltage Lockout
The Under Voltage Lockout (UVLO) circuit holds both
PWM logic control signals INA and INB low during the
VIN supply ramp-up. When the supply voltage rises
above the UVLO upper threshold, the UVLO circuit
allows the PWM inputs to control the drivers. FAULT1
output is driven high during the UVLO condition.
Figure 8 illustrates the UVLO function.
2.1.6
Over Voltage Lockout
The over voltage lockout (OVLO) circuit holds both
PWM logic control signals INA and INB low and
disables the power converter control block during any
VIN over voltage condition. When VIN supply voltage
falls below the OVLO threshold, the OVLO circuit
allows the PWM inputs to control the drivers and
enables the power converter control block. FAULT1
and FAULT2 outputs are driven high during the OVLO
condition. Figure 9 illustrates the OVLO function.
2.1.7
Signal Transformer Primary Switches and Pulse
Generators
The signal transformer primary terminals are
connected to high current switches. Gate drive to the
high current switches is controlled by the logic input
signals INA and INB, which, when active, produce a
high current pulse on the rising edge and falling edge
of the input signals at the TRAP (TRBP) and TRAN
(TRBN) outputs respectively. Narrow pulses are used
to drive the transformer switches, see Figure 1.
2.1.8
Signal Transformer Secondary Receive Inputs and
Fault Detect
The IX6610 has four single ended receiver
comparators which sense the presence of signals that
are more positive than a fixed positive threshold value.
A 1k
 pull down resistor to ground is connected to
each of the receiver inputs. An external low pass filter
can be implemented to prevent impulse noise from
triggering the receivers. Receiver comparators are
high speed Schmitt Trigger buffers with 1V typical
hysteresis.
Secondary side power supply faults and IGBT power
stage faults are transmitted back to the IX6610
(primary side) through a pulse transformer. The
FAULT1 output is used to signal power supply under
voltage fault events on either the secondary side or the
primary side. The FAULT2 output is used to signal a
secondary side power stage fault. FAULT1 and
FAULT2 outputs together signal primary and
secondary side over voltage fault events.
Primary side and secondary side power supply faults
are latched, and fault flags are asserted logic high.
If the FAULT1 and FAULT2 flags are set by primary
side power supply or over-temp faults, then the input
signals to the secondary side drivers are disabled.
When the device recovers from the primary side
power supply faults, the auto restart feature or external
DutyCycleDC_CLK
0.5
DutyCycleCLK
2.015
-------------------------------------
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com