Electronic Components Datasheet Search
  English  ▼

X  

LTC4267CDHC Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4267CDHC
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4267CDHC Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4267CDHC Datasheet HTML 8Page - Linear Technology LTC4267CDHC Datasheet HTML 9Page - Linear Technology LTC4267CDHC Datasheet HTML 10Page - Linear Technology LTC4267CDHC Datasheet HTML 11Page - Linear Technology LTC4267CDHC Datasheet HTML 12Page - Linear Technology LTC4267CDHC Datasheet HTML 13Page - Linear Technology LTC4267CDHC Datasheet HTML 14Page - Linear Technology LTC4267CDHC Datasheet HTML 15Page - Linear Technology LTC4267CDHC Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC4267
12
4267f
VPORTP
VPORTN
LTC4267
4267 F03
25k SIGNATURE
RESISTOR
SIGNATURE DISABLE
SIGDISA
9k
16k
TO
PSE
Figure 3. 25k Signature Resistor with Disable
Classification
Once the PSE has detected a PD, the PSE may option-
ally classify the PD. Classification provides a method for
more efficient allocation of power by allowing the PSE
to identify lower power PDs and allocate less power for
these devices. The IEEE 802.3af specification defines five
classes (Table 2) with varying power levels. The designer
selects the appropriate classification based on the power
consumption of the PD. For each class, there is an as-
sociated load current that the PD asserts onto the line
during classification probing. The PSE measures the PD
load current to determine the proper classification and
PD power requirements.
During classification (Figure 4), the PSE presents a fixed
voltage between – 15.5V and – 20.5V to the PD. With the
input voltage in this range, the LTC4267 asserts a load
current from the VPORTP pin through the RCLASS resistor.
The magnitude of the load current is set by the RCLASS
resistor. The resistor values associated with each class
are shown in Table 2. Note that the switching regulator
will not interfere with the classification measurement since
the LTC4267 has not passed power to the regulator.
Table 2. Summary of IEEE 802.3af Power Classifications and
LTC4267 RCLASS Resistor Selection
Maximum
Nominal
LTC4267
Power Levels
Classification
RCLASS
at Input of PD
Load Current
Resistor
Class
Usage
(W)
(mA)
(Ω, 1%)
0
Default
0.44 to 12.95
<5
Open
1
Optional
0.44 to 3.84
10.5
124
2
Optional
3.84 to 6.49
18.5
68.1
3
Optional
6.49 to 12.95
28
45.3
4
Reserved
Reserved*
40
30.9
*Class 4 is currently reserved and should not be used.
The IEEE 802.3af specification limits the classification
time to 75ms because a significant amount of power is
dissipated in the PD. The LTC4267 is designed to handle the
power dissipation for this time period. If the PSE probing
exceeds 75ms, the LTC4267 may overheat. In this situation,
the thermal protection circuit will engage and disable the
classification current source in order to protect the part.
The LTC4267 stays in classification mode until the input
voltage rises above the UVLO turn-on voltage.
VPORTN Undervoltage Lockout
The IEEE specification dictates a maximum turn-on voltage
of 42V and a minimum turn-off voltage of 30V for the PD.
In addition, the PD must maintain large on-off hysteresis
to prevent resistive losses in the wiring between the PSE
and the PD from causing start-up oscillation. The LTC4267
incorporates an undervoltage lockout (UVLO) circuit that
monitors the line voltage at VPORTN to determine when
to apply power to the integrated switching regulator
(Figure 5). Before the power is applied to the switching
regulator, the POUT pin is high impedance and sitting at
the ground potential since there is no charge on capacitor
C1. When the input voltage rises above the UVLO turn-on
threshold, the LTC4267 removes the detection and clas-
sification loads and turns on the internal power MOSFET.
C1 charges up under the LTC4267 current limit control
and the POUT pin transitions from 0V to VPORTN. This
sequence is shown in Figure 1. The LTC4267 includes
a hysteretic UVLO circuit on VPORTN that keeps power
applied to the load until the input voltage falls below the
UVLO turn-off threshold. Once the input voltage drops
below –30V, the internal power MOSFET is turned off and
Figure 4. IEEE 802.3af Classification Probing
APPLICATIO S I FOR ATIO
VPORTP
RCLASS
VPORTN
LTC4267
CONSTANT
LOAD
CURRENT
INTERNAL
TO LTC4267
4267 F04
RCLASS
CURRENT PATH
V
PD
PSE
PSE CURRENT MONITOR
PSE
PROBING
VOLTAGE
SOURCE
–15.5V TO –20.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com