Electronic Components Datasheet Search
  English  ▼

X  

AD5681R Datasheet(PDF) 7 Page - Analog Devices

Part # AD5681R
Description  Tiny 16-/14-/12-Bit SPI nanoDAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5681R Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5681R Datasheet HTML 3Page - Analog Devices AD5681R Datasheet HTML 4Page - Analog Devices AD5681R Datasheet HTML 5Page - Analog Devices AD5681R Datasheet HTML 6Page - Analog Devices AD5681R Datasheet HTML 7Page - Analog Devices AD5681R Datasheet HTML 8Page - Analog Devices AD5681R Datasheet HTML 9Page - Analog Devices AD5681R Datasheet HTML 10Page - Analog Devices AD5681R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet
AD5683R/AD5682R/AD5681R/AD5683
Rev. D | Page 7 of 28
Timing and Circuit Diagrams
DB23
DB22
DB21
DB20
DB2
DB1
DB0
SCLK
SDO
SDI
SYNC
t7
t9
t1
t2
t3
t8
t5
t6
DB23
DB22
DB21
DB20
DB2
DB1
DB0
t10
t11
t4
t14
LDAC
t12
RESET
t16
VOUT
t13
t17
t18
t15
Figure 4. SPI Timing Diagram, Compatible with Mode 1 and Mode 2 (See the AN-1248 Application Note)
200µA
IOL
200µA
IOH
VOH (MIN)
TO OUTPUT
PIN
CL
90pF
Figure 5. Load Circuit for Digital Output (SDO) Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com