Electronic Components Datasheet Search
  English  ▼

X  

MX8682 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MX8682
Description  12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8682 Datasheet(HTML) 3 Page - IXYS Corporation

  MX8682 Datasheet HTML 1Page - IXYS Corporation MX8682 Datasheet HTML 2Page - IXYS Corporation MX8682 Datasheet HTML 3Page - IXYS Corporation MX8682 Datasheet HTML 4Page - IXYS Corporation MX8682 Datasheet HTML 5Page - IXYS Corporation MX8682 Datasheet HTML 6Page - IXYS Corporation MX8682 Datasheet HTML 7Page - IXYS Corporation MX8682 Datasheet HTML 8Page - IXYS Corporation MX8682 Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MX8682
IXYS
Pin Description
Pin No.
Name
Description
1
PWR
Input Voltage Supply
2
SDO
Serial Data Output
3
NC
No Connect
4
SCK
Serial Clock Input
5
SDI
Serial Data Input
6
NC
No Connect
7
GND
Connect to Ground
8
CS*
Active low chip select for the serial interface. When a logic “high” is on this pin, the
MX8682 is tracking the hall input signal.
Detailed Circuit Description
The hall plate senses the magnetic field that is applied normal (perpendicular) to the package surface.
The signal from the hall plate is offset-corrected by detecting the difference between a pair of analog
samples during the acquisition time. During idle time (CS* high) the MX8682 tracks the first analog
sample. Immediately (~10 nS) after the falling edge of CS* the first sample is held. The track mode for
the second sample starts nominally 32 µS after the falling edge of CS*. Typically 96 µS after the falling
edge of CS* the second sample is held and the resulting analog value is then converted by the A/D. The
result of the A/D conversion is loaded into the I/O register at the next falling edge of CS*, in preparation
for output on SDO.
The internal acquisition and A/D timing is asynchronous to the SCK serial interface clock. The magnetic
field sampling period is controlled externally by the time between consecutive CS* falling edges. For zero
magnetic field input the nominal A/D output is 2048 decimal. North pole towards the top surface of the
MX8682 increases the A/D output count. Applications that require non-continuous one measurement at a
time operation should pulse CS* low twice, reading the data when CS* is low for the second time.
Serial Output (n)
A/D Convert (n+1)
Acquisition (n+1)
A/D Convert (n)
Acquisition (n)
CS*
SCK
SDO
externally controlled sampling period
13 12 11 10 98
76
54
32
14
15
0
1
13 12 11 10 98
76
54
32
14
15
0
1
MX8682
3
03/03/08
Drawing No. 0868209
www.claremicronix.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com