Electronic Components Datasheet Search
  English  ▼

X  

MX8682RTR Datasheet(PDF) 1 Page - IXYS Corporation

Part # MX8682RTR
Description  12-Bit Digital Output Magnetic Flux Sensor (-)100 Gauss / 2KHz Conversion Rate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MX8682RTR Datasheet(HTML) 1 Page - IXYS Corporation

  MX8682RTR Datasheet HTML 1Page - IXYS Corporation MX8682RTR Datasheet HTML 2Page - IXYS Corporation MX8682RTR Datasheet HTML 3Page - IXYS Corporation MX8682RTR Datasheet HTML 4Page - IXYS Corporation MX8682RTR Datasheet HTML 5Page - IXYS Corporation MX8682RTR Datasheet HTML 6Page - IXYS Corporation MX8682RTR Datasheet HTML 7Page - IXYS Corporation MX8682RTR Datasheet HTML 8Page - IXYS Corporation MX8682RTR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IXYS
MX8682
1
03/03/08
Drawing No. 0868209
www.claremicronix.com
MX8682
12-Bit Digital Output Magnetic Flux Sensor
±100 Gauss / 2KHz Conversion Rate
Features:
• Higher Sensitivity Version of the MX8681
• Single 5 Volt Power Supply
• Externally Configurable ±10A Bi-Direction
Current Sense per Turn
• 12-Bit Serial Digital Output
• Full Scale Magnetic Flux Intensity of ±100
Gauss
• 2K Conversions/Second
• Microcontroller Compatible
• Standard 3 Wire Serial Interface plus Chip
Select
• In System Calibration: OTP Full Scale Trim via
the Serial I/O Port
• Programmable Digital Filter Time Constant
• 4mm x 4mm 8 Lead DFN package RoHS
Compliant
Applications:
• Load Detection and Management
• Motor Control
• Power Supplies
Ordering Information
Part No.
Description
Qty
MX8682R
DFN-8 Tube
91
MX8682RTR DFN-8 Tape & Reel
2500
General Description
The MX8682 is a 12 Bit Digital Output Magnetic
Flux Sensor. The device is a complete sampled
data subsystem that converts a magnetic flux
intensity of ±100 Gauss full scale into a 12-bit digital
output word. The sensor operates as a slave on the
serial interface with TTL-level compatible inputs SDI
(serial data input), SCK (serial clock), and CS* (chip
select, active low). Terminal SDO is the tri-state
serial data output.
An adjustable exponentially weighted moving
average digital filter is included that is capable of
improving the signal to noise ratio while reducing
the signal bandwidth. The full scale trim and/or the
digital filter time constant are controllable through
the
serial
I/O
interface
and
are
one-time
programmable through the serial interface (once
programmed, the values are loaded at every power-
on).
The MX8682 can be mounted onto a PCB or
incorporated into a magnetic assembly and then
calibrated in-system through the serial interface.
The operating voltage range is 4.5V to 5.5V.
Functional Block Diagram Typical
Application Circuit
Microcontroller
MX8682
Power
Ground
1
7
4
5
8
PWR
CS*
SDI
SCK
GND
2
SDO
MISO
Select
MOSI
SCK
PWR
GND
Hall
Plate
I/O Reg
A/D
SDI
SCK
SDO
CS*


Similar Part No. - MX8682RTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
12 Bit Digital Output Magnetic Flux Sensor
MX8681 IXYS-MX8681 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8681R IXYS-MX8681R Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8681RTR IXYS-MX8681RTR Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8683 IXYS-MX8683 Datasheet
307Kb / 10P
10-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 20KHz Conversion Rate
More results

Similar Description - MX8682RTR

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9706 HAMAMATSU-S9706 Datasheet
76Kb / 3P
Digital color sensor 12-bit digital output
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
Digital-Output Magnetic Sensor
TCS10DPU TOSHIBA-TCS10DPU Datasheet
93Kb / 6P
Digital Output Magnetic Sensor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
Digital-Output Magnetic Sensor
TCS10SPU TOSHIBA-TCS10SPU Datasheet
157Kb / 6P
Digital-Output Magnetic Sensor
TCS11DLU TOSHIBA-TCS11DLU Datasheet
150Kb / 6P
Digital Output Magnetic Sensor
logo
IXYS Corporation
MX868 IXYS-MX868 Datasheet
292Kb / 9P
12 Bit Digital Output Magnetic Flux Sensor
MX8681 IXYS-MX8681 Datasheet
293Kb / 9P
12-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 2KHz Conversion Rate
MX8683 IXYS-MX8683 Datasheet
307Kb / 10P
10-Bit Digital Output Magnetic Flux Sensor (-)200 Gauss / 20KHz Conversion Rate
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com