Electronic Components Datasheet Search
  English  ▼

X  

XC9505 Datasheet(PDF) 45 Page - Torex Semiconductor

Part # XC9505
Description  2ch. Step-Down / Inverting DC/DC Controller ICs
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9505 Datasheet(HTML) 45 Page - Torex Semiconductor

Back Button XC9505 Datasheet HTML 39Page - Torex Semiconductor XC9505 Datasheet HTML 40Page - Torex Semiconductor XC9505 Datasheet HTML 41Page - Torex Semiconductor XC9505 Datasheet HTML 42Page - Torex Semiconductor XC9505 Datasheet HTML 43Page - Torex Semiconductor XC9505 Datasheet HTML 44Page - Torex Semiconductor XC9505 Datasheet HTML 45Page - Torex Semiconductor XC9505 Datasheet HTML 46Page - Torex Semiconductor XC9505 Datasheet HTML 47Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
< 2 ch. Inverting DC/DC Controller >
< VOUT2 = - 7.5V, VIN = 3.3V
IOUT2 = - 100
µA ! - 20mA >
(Ceramic Capacitor use when coil current is discontinued.)
" PWM Control
" PWM/PFM Switching Control
45
XC9505 Series
2ch. Step-Down / Inverting DC/DC Controller ICs
-100µA
-20mA
-7.5V
CH1
CH2
1msec/div
CH1:VOUT2 , AC-COUPLED, 20mV/div
CH2:IOUT2 , 10mA/div
FOSC=180kHz, VOUT2=-7.5V
VIN=3.3V, IOUT2=-100µA
→ -20mA
-100µA
-20mA
-7.5V
CH1
CH2
200µsec/div
FOSC=180kHz, VOUT2=-7.5V
VIN=3.3V, IOUT2=-20mA
→ -100µA
-100µA
-20mA
-7.5V
CH1
CH2
200µsec/div
-100µA
-20mA
-7.5V
CH1
CH2
2msec/div
FOSC=180kHz, VOUT2=-7.5V
VIN=3.3V, IOUT2=-100µA
→ -20mA
FOSC=180kHz, VOUT2=-7.5V
VIN=3.3V, IOUT2=-20mA
→ -100µA
CH1:VOUT2 , AC-COUPLED, 20mV/div
CH2:IOUT2 , 10mA/div
CH1:VOUT2 , AC-COUPLED, 50mV/div
CH2:IOUT2 , 10mA/div
CH1:VOUT2 , AC-COUPLED, 50mV/div
CH2:IOUT2 , 10mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com