Electronic Components Datasheet Search
  English  ▼

X  

MA09482 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA09482
Description  1885MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09482 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA09482 Datasheet HTML 1Page - Golledge Electronics Ltd MA09482 Datasheet HTML 2Page - Golledge Electronics Ltd MA09482 Datasheet HTML 3Page - Golledge Electronics Ltd MA09482 Datasheet HTML 4Page - Golledge Electronics Ltd MA09482 Datasheet HTML 5Page - Golledge Electronics Ltd MA09482 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
1885MHz SAW Filter
Model: TA0629A
Part No: MA09482
REV NO.: 1
TA0629A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: -30
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
1885
-
Insertion loss within 1850 ~1920 MHz IL
(dB)
-
2.4
3.8
Amplitude ripple (p-p) within 1850 ~ 1920 MHz (dB)
-
1.2
2.5
Attenuation (Reference level from 0 dB)
D.C. ~ 1542.5
MHz
(dB)
14.0
24.5
-
1542.5 ~ 1752.5 MHz
(dB)
15.0
26.0
-
1752.5 ~ 1827.5 MHz
(dB)
10.0
17.5
-
1962.5 ~ 3162.5 MHz
(dB)
17.0
30.0
-
3162.5 ~ 4000
MHz
(dB)
14.0
30.0
-
VSWR within 1850 ~1920 MHz
-
1.9
2.6
Source impedance
Zs (
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MA09482

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09489 GOLLEDGE-MA09489 Datasheet
150Kb / 6P
70MHz SAW Filter
More results

Similar Description - MA09482

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com