Electronic Components Datasheet Search
  English  ▼

X  

MA09698 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA09698
Description  SAW Filter 268MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09698 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA09698 Datasheet HTML 1Page - Golledge Electronics Ltd MA09698 Datasheet HTML 2Page - Golledge Electronics Ltd MA09698 Datasheet HTML 3Page - Golledge Electronics Ltd MA09698 Datasheet HTML 4Page - Golledge Electronics Ltd MA09698 Datasheet HTML 5Page - Golledge Electronics Ltd MA09698 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 268MHz
Model: TA0560A
Part No: MA09698
REV. NO: 2
TA0560A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 3 V
3. Operating Temperature: -10
°C to +50°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
268
-
Insertion Loss 266 ~ 270MHz IL
dB
-
1.75
3.0
Ripple 266 ~ 270MHz
dB
-
0.75
2.0
Absolute Attenuation: (Reference level from 0dB)
Fc -100 to Fc -40 MHz
Fc -40 to Fc -11 MHz
Fc +11 to Fc +40 MHz
Fc +40 to Fc +100 MHz
dB
dB
dB
dB
40
30
15
38
47
42
35
43
-
-
-
-
Source impedance Zs
Ω
-
50
-
Load impedance Z
L
Ω
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8


Similar Part No. - MA09698

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09620 GOLLEDGE-MA09620 Datasheet
79Kb / 7P
SAW Filter 135.420MHz
MA09629 GOLLEDGE-MA09629 Datasheet
183Kb / 5P
SAW Filter 435.0MHz
MA09657 GOLLEDGE-MA09657 Datasheet
316Kb / 7P
SAW Filter 1720.0MHz
MA09688 GOLLEDGE-MA09688 Datasheet
151Kb / 5P
SAW Filter 611.0MHz
More results

Similar Description - MA09698

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0560A TAI-SAW-TA0560A Datasheet
476Kb / 6P
SAW Filter 268MHz SMD 5.0횞5.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com