Electronic Components Datasheet Search
  English  ▼

X  

MP01170 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01170
Description  SAW Filter 311.040MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01170 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01170 Datasheet HTML 1Page - Golledge Electronics Ltd MP01170 Datasheet HTML 2Page - Golledge Electronics Ltd MP01170 Datasheet HTML 3Page - Golledge Electronics Ltd MP01170 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset,TA19 9DQ, UK
SAW Filter 311.040MHz
Model: TA0499A
Part No: MP01170
REV NO.:1
TA0499A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 0 dBm
2. DC voltage: 5 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA= -40
°C to +85°C
Item
Min.
Typ.
Max.
Note
Center frequency FC (MHz)
-
311.04
-
1
Minimum I.L. (310.86~311.26 MHz) (dB) ILmin
-
2.2
4.0
Pass band (relative to ILmin)
310.81~311.24 MHz
(dB)
-
1.5
3.0
310.75~311.3 MHz
(dB)
-
2.0
6.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
800
950
-
Attenuation:( relative to ILmin)
(dB )
10~270
MHz
(dB )
45
50
-
270~305
MHz
(dB )
30
35
-
305~309.89
MHz
(dB )
15
20
-
312~331
MHz
(dB )
10
15
-
1
331~400
MHz
(dB )
35
40
-
400~1000
MHz
(dB )
45
50
-
Note1. The standard definitions is in JIS C 6703


Similar Part No. - MP01170

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MP011700 MULTICOMP-MP011700 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
MP011701 MULTICOMP-MP011701 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
MP011702 MULTICOMP-MP011702 Datasheet
519Kb / 2P
Plastic Enclosures
06/04/23 V1.0
More results

Similar Description - MP01170

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com