Electronic Components Datasheet Search
  English  ▼

X  

MP01633 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01633
Description  SAW Filter 874.55MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01633 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01633 Datasheet HTML 1Page - Golledge Electronics Ltd MP01633 Datasheet HTML 2Page - Golledge Electronics Ltd MP01633 Datasheet HTML 3Page - Golledge Electronics Ltd MP01633 Datasheet HTML 4Page - Golledge Electronics Ltd MP01633 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 874.55MHz
Model: TA0512A
Part No: MP01633
Rev No: 1
TA0512A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 13dBm
2. DC voltage: 5 V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
874.55
-
1.5 - dB Bandwidth
MHz
-
Fc ± 4.6
-
Operational Bandwidth
MHz
870
-
879.1
Insertion Loss at Fc
dB
-
2.7
3.5
Amplitude Variation (870 ~ 879.1MHz)
dB
-
0.5
1.5
Attenuation (Reference level from 0dB)
0 ~ 850MHz
dB
35
59
-
850 ~ 859MHz
dB
10
33
-
888 ~ 893 MHz
dB
10
28
-
893 ~ 902MHz
dB
30
38
-
902 ~ 2000MHz
dB
34
37
-
Input/Output VSWR (870 ~ 879.1MHz)
-
1.7
2.5
Source impedance ZS
Ω
-
50
-
Load impedance ZL
Ω
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4 ,5,7,8


Similar Part No. - MP01633

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01601 GOLLEDGE-MP01601 Datasheet
242Kb / 6P
SAW Filter 1227MHz
MP01606 GOLLEDGE-MP01606 Datasheet
72Kb / 6P
SAW Filter 300MHz
logo
Multicomp Pro
MP016115 MULTICOMP-MP016115 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016116 MULTICOMP-MP016116 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
MP016117 MULTICOMP-MP016117 Datasheet
172Kb / 1P
Cable Tie Releasable
28/07/25 V1.0
More results

Similar Description - MP01633

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT87502 SIPAT-LBT87502 Datasheet
202Kb / 3P
874.55MHz SAW Filter 9MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT87502 SIPAT-LBT87502 Datasheet
197Kb / 3P
874.55MHz SAW Filter 9MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com