Electronic Components Datasheet Search
  English  ▼

X  

CEP21A3 Datasheet(PDF) 3 Page - Chino-Excel Technology

Part # CEP21A3
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CEP21A3 Datasheet(HTML) 3 Page - Chino-Excel Technology

  CEP21A3 Datasheet HTML 1Page - Chino-Excel Technology CEP21A3 Datasheet HTML 2Page - Chino-Excel Technology CEP21A3 Datasheet HTML 3Page - Chino-Excel Technology CEP21A3 Datasheet HTML 4Page - Chino-Excel Technology CEP21A3 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TC=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS =0V, Is =12A
1.3
0.9
V
a
Notes
b.Guaranteed by design, not subject to production testing.
a.Pulse Test:Pulse Width 300 s, Duty Cycle 2%.
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
4-169
CEP21A3/CEB21A3
600
500
400
300
200
100
0
5
10
15
20
25
30
Ciss
Coss
Crss
0
Figure 4. On-Resistance Variation with
Temperature
TJ, Junction Temperature( C)
-50 -25
0
25
50
75
100 125 150
1.80
1.60
1.40
1.20
1.00
0.80
0.60
VGS=10V
ID=12A
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS=10,9,8,7,6V
VGS=3V
VGS=4V
VGS=5V
50
40
30
20
10
0
0
1
234
5
6
25 C
Tj=125 C
-55 C
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com