Electronic Components Datasheet Search
  English  ▼

X  

SCD128410QCE Datasheet(PDF) 41 Page - Intel Corporation

Part # SCD128410QCE
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD128410QCE Datasheet(HTML) 41 Page - Intel Corporation

Back Button SCD128410QCE Datasheet HTML 37Page - Intel Corporation SCD128410QCE Datasheet HTML 38Page - Intel Corporation SCD128410QCE Datasheet HTML 39Page - Intel Corporation SCD128410QCE Datasheet HTML 40Page - Intel Corporation SCD128410QCE Datasheet HTML 41Page - Intel Corporation SCD128410QCE Datasheet HTML 42Page - Intel Corporation SCD128410QCE Datasheet HTML 43Page - Intel Corporation SCD128410QCE Datasheet HTML 44Page - Intel Corporation SCD128410QCE Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
41
5.3.3.1
Summary of Serial Poll-Mode Service Requests
The major steps involved in a Poll-mode service-request/service-acknowledge sequence are:
1. The CPU scans the SVRR periodically, checking the three least-significant bits. If any of them
are true (‘1’), a service request is active.
2. Depending on which of the service-request bits is active, reads the appropriate interrupt
request register (RIR, TIR, or MIR) and copies the contents into the CAR.
3. Performs a service routine.
4. Writes the original contents of the interrupt request register back with the most-significant two
bits cleared.
5.3.4
Daisy-Chaining Service Requests with CD1400s
The CD1284 can be combined with other CD1284 or CD1400 devices to form systems with more
than two serial channels and one parallel channel. There are a number of ways that these can be
connected, but one way provides a more efficient service-request/service-acknowledge sequence.
This method allows the CD1284s and/or CD1400s to arbitrate between themselves. This mode
only works if hardware-activated service acknowledges are being utilized. The Fair Share
mechanism is not functional on the parallel channel service-request (SVCREQP*) outputs.
Therefore, two CD1284s can be daisy-chained if SVCREQP* and SVCACKP* are kept separate.
The serial channel requests and acknowledges are identical to those on the CD1400 so they can be
connected to the equivalent requests and acknowledges on the CD1284.
The CD1284 provides a means of daisy-chaining the service request and service acknowledgments
of two or more devices. This allows them to arbitrate and set priorities between themselves
regarding which one can post a particular type of service request. This is the Fair Share interrupt
scheme. Figure 6 on page 42 illustrates the connection for two CD1284s to enable the Fair Share
function.
All request outputs of a particular type from the two CD1284s (SVCREQR*, SVCREQT*, and
SVCREQM*) are wire-OR’ed together to form one combined request for each type; the
SVCREQP* of each is kept separate. This allows both devices to monitor the state of the others
output. All of t h e seri al s e rvi c e-ac kno w l e dge i nput s (SVCACKR*, SVCACKT*, and
SVCACKM*) are connected together to form one acknowledge of each type. Note, the
SVCACKP* are driven individually. The DGRANT* input of the first CD1284 is connected to
ground; the DPASS* output of the first CD1284 drives the DGRANT* input of the second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com