| Electronic Components Datasheet Search |
|
20ETF12STRR Datasheet(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
20ETF12STRR Datasheet(HTML) 6 Page - International Rectifier |
|
6 / 8 page ![]() 6 20ETF..S HV QUIET IR Series I2128 rev. A 01/2000 20 E T F 12 S TRL Device Code 1 5 24 3 Ordering Information Table 1 - Current Rating 2 - Circuit Configuration: E = Single Diode 3 - Package: T = TO-220AC 4 - Type of Silicon: S = Standard Recovery Rectifier 5 - Voltage code: Code x 100 = V RRM 6 - S = TO-220 D 2Pak (SMD-220) Version 7 - Tape and Reel Option: TRL = Left Reel TRR = Right Orientation Reel 08 = 800V 10 = 1000V 12 = 1200V Outline Table 1 0 .16 (0. 40) RE F. 8. 89 (0 . 3 5) 4. 57 (0 .18) 4. 32 (0 .17) 0. 61 (0 . 02) M AX . 5. 08 (0 . 20) R EF . 1. 32 (0 .05) 1. 22 (0 .05) 13 6. 47 (0 .25) 6.18 (0 .2 4 ) 93 ° RE F . 2.61 (0 .1 0 ) 2.32 (0 .0 9 ) 5.2 8 (0. 2 1) 4.7 8 (0. 1 9) 4. 69 (0.18) 4.20 (0 .1 6 ) 0. 55 (0 . 0 2) 0. 46 (0 . 0 2) 14. 73 (0 .58 ) 15. 49 (0 .61 ) 1. 40 (0 . 0 55 ) 1. 14 (0 . 0 45 ) 3X 0. 93 (0 . 3 7) 0. 69 (0 .27) 2X 11. 43 (0 .45) 17. 78 (0. 70) 8. 89 (0 . 3 5) 3.81 (0 .1 5 ) 2. 08 (0 . 0 8) 2X 2. 54 (0 .10) 2X M INIM U M RE C O M M E NDE D F O O T P R IN T 2 Dimensionsinmillimetersandinches 6 7 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |