Electronic Components Datasheet Search
  English  ▼

X  

25A Datasheet(PDF) 1 Page - International Rectifier

Part # 25A
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25A Datasheet(HTML) 1 Page - International Rectifier

  25A Datasheet HTML 1Page - International Rectifier 25A Datasheet HTML 2Page - International Rectifier 25A Datasheet HTML 3Page - International Rectifier 25A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
25A, 45V
22DGQ045
Major Ratings and Characteristics
Description/Features
02/22/02
CASE STYLE
www.irf.com
1
Characteristics
22DGQ045 Units
IF(AV)
25
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
300
A
VF @ 25Apk, TJ =125°C
0.76
V
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
HIGH EFFICIENCY SERIES
IR Case Style TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
12
3
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
NOT ES :
1. DIMENS IONING & T OLE RANCING PER AS ME Y14.5M-1994.
2. AL L DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
3. CONT ROL LING DIMENS ION: INCH.
4. CONF ORMS T O JEDE C OUT LINE T O-254AA.
PD -20358E
The 22DGQ045 (series doubler) Schottky rectifier has
been expressly designed to meet the rigorous
requirements of hi-rel environments. It is packaged in the
hermetic isolated TO-254AA package.
The device's
forward voltage drop and reverse leakage current are
optimized for the lowest power loss and the highest circuit
efficiency for typical high frequency switching power
supplies and resonent power converters. Full MIL-PRF-
19500 quality conformance testing is available on source
controlled drawings to TX, TXV and S levels.
• Hermetically Sealed
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Schottky Diodes Connected in Series
• Electrically Isolated


Similar Part No. - 25A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25A IRF-25A Datasheet
50Kb / 6P
SINGLE PHASE BRIDGE
logo
Shanghai Shunye Electro...
25A SHUNYE-25A Datasheet
189Kb / 2P
SOZA CELL
logo
Seiko Instruments Inc
25A010A SII-25A010A Datasheet
351Kb / 32P
AUTOMOTIVE ELECTRIC COMPONENT
logo
Vishay Siliconix
25A11B010E VISHAY-25A11B010E Datasheet
71Kb / 2P
Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
06-Aug-12
25A11B10 VISHAY-25A11B10 Datasheet
71Kb / 2P
Model 25 (PR1) 46 mm Diameter, 20 Turn DialS
06-Aug-12
More results

Similar Description - 25A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com