Electronic Components Datasheet Search
  English  ▼

X  

30A Datasheet(PDF) 2 Page - International Rectifier

Part # 30A
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30A Datasheet(HTML) 2 Page - International Rectifier

  30A Datasheet HTML 1Page - International Rectifier 30A Datasheet HTML 2Page - International Rectifier 30A Datasheet HTML 3Page - International Rectifier 30A Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
22GQ100
2
www.irf.com
Part number
22GQ100
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
30
A
50% duty cycle @ TC = 100°C, rectangular waveform
See Fig. 5
IFSM Max. Peak One Cycle Non - Repetitive
400
A
@ tp = 8.3 ms half-sine
Surge Current
Absolute Maximum Ratings
Q Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.0
°C/W
DC operation
See Fig. 4
to Case
wt
Weight (Typical)
9.3
g
Die Size
200X200
mils
Case Style
TO-254AA
Thermal-Mechanical Specifications
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
1.1
V
@ 20A
See Fig. 1
Q
1.6
V
@ 35A
0.9
V
@ 20A
1.3
V
@ 35A
IRM
Max. Reverse Leakage Current
0.8
mA
TJ = 25°CVR = rated VR
See Fig. 2
Q
45
mA
TJ = 125°C
CT
Max. Junction Capacitance
1400
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance
7.8
nH
Measured from anode lead to cathode lead
6mm ( 0.025 in.) from package
Electrical Specifications
TJ = 25°C
TJ =1 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com