Electronic Components Datasheet Search
  English  ▼

X  

100V Datasheet(PDF) 1 Page - International Rectifier

Part # 100V
Description  SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

100V Datasheet(HTML) 1 Page - International Rectifier

  100V Datasheet HTML 1Page - International Rectifier 100V Datasheet HTML 2Page - International Rectifier 100V Datasheet HTML 3Page - International Rectifier 100V Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
30A, 100V
22GQ100
Major Ratings and Characteristics
Description/Features
02/22/02
CASE STYLE
www.irf.com
1
Characteristics
22GQ100
Units
IIF(AV) Rectangular
30
A
waveform
VRRM
100
V
IFSM @ tp = 8.3ms half-sine
400
A
VF @ 30Apk, TJ =125°C
0.90
V
TJ, Tstg Operating and storage -55 to 150
°C
1
2
3
HIGH EFFICIENCY SERIES
IR Case Style TO-254AA
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
12
3
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
NOT ES :
1. DIMENS IONING & T OLE RANCING PER AS ME Y14.5M-1994.
2. AL L DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
3. CONT ROL LING DIMENS ION: INCH.
4. CONF ORMS T O JEDE C OUT LINE T O-254AA.
PD -20353D
(ISOLATEDBASE)
CATHODE
ANODE
The 22GQ100 Schottky rectifier has been expressly
designed to meet the rigorous requirements of hi-rel
environments. It is packaged in the hermetic isolated
TO-254AA package. The device's forward voltage drop
and reverse leakage current are optimized for the lowest
power loss and the highest circuit efficiency for typical high
frequency switching power supplies and resonent power
converters.
Full MIL-PRF-19500 quality conformance
testing is available on source controlled drawings to TX,
TXV and S levels.
• Hermetically Sealed
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long
Term Reliability
• Schottky Diodes Connected in Series
• Electrically Isolated


Similar Part No. - 100V

ManufacturerPart #DatasheetDescription
logo
Make-Ps
100VFI MAKE-PS-100VFI Datasheet
197Kb / 4P
Single & Dual Output DC/DC Converter
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
logo
RUBYCON CORPORATION
100VXP1000M22X40 RUBYCON-100VXP1000M22X40 Datasheet
85Kb / 3P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
100VXP1000M25X30 RUBYCON-100VXP1000M25X30 Datasheet
85Kb / 3P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
100VXP1000M30X25 RUBYCON-100VXP1000M30X25 Datasheet
85Kb / 3P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 100V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com