Electronic Components Datasheet Search
  English  ▼

X  

5P4J Datasheet(PDF) 1 Page - NEC

Part # 5P4J
Description  5 A SMALL MOLD THYRISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

5P4J Datasheet(HTML) 1 Page - NEC

  5P4J Datasheet HTML 1Page - NEC 5P4J Datasheet HTML 2Page - NEC 5P4J Datasheet HTML 3Page - NEC 5P4J Datasheet HTML 4Page - NEC 5P4J Datasheet HTML 5Page - NEC 5P4J Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - 5P4J

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
5A SMALL MOLD THYRISTOR
More results

Similar Description - 5P4J

ManufacturerPart #DatasheetDescription
logo
NEC
AC05FGM NEC-AC05FGM Datasheet
710Kb / 6P
5 A MOLD TRIAC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
logo
SanRex Corporation
SG16AA60 SANREX-SG16AA60 Datasheet
116Kb / 2P
THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
NEC
8P4J NEC-8P4J Datasheet
635Kb / 6P
8 A MOLD THYRISTOR
3P4J NEC-3P4J Datasheet
1Mb / 6P
3A MOLD THYRISTOR
logo
SanRex Corporation
SG25AA40 SANREX-SG25AA40 Datasheet
106Kb / 2P
THYRISTOR MODULE (ISOLATED MOLD TYPE)
logo
Tiger Electronic Co.,Lt...
5P4J TGS-5P4J Datasheet
129Kb / 1P
5A SMALL MOLD THYRISTOR
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com