Electronic Components Datasheet Search
  English  ▼

X  

DLP4710FQL Datasheet(PDF) 13 Page - Texas Instruments

Part # DLP4710FQL
Description  0.47 1080p DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710FQL Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP4710FQL Datasheet HTML 9Page - Texas Instruments DLP4710FQL Datasheet HTML 10Page - Texas Instruments DLP4710FQL Datasheet HTML 11Page - Texas Instruments DLP4710FQL Datasheet HTML 12Page - Texas Instruments DLP4710FQL Datasheet HTML 13Page - Texas Instruments DLP4710FQL Datasheet HTML 14Page - Texas Instruments DLP4710FQL Datasheet HTML 15Page - Texas Instruments DLP4710FQL Datasheet HTML 16Page - Texas Instruments DLP4710FQL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13
DLP4710
www.ti.com
DLPS125 – NOVEMBER 2018
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS(2)
MIN
TYP
MAX
UNIT
(10) LPSDR specification is for pin LS_RDATA.
IIL
Low–level input current
VDD = 1.95 V; VI = 0 V
–100
nA
IIH
High–level input current
VDD = 1.95 V; VI = 1.95 V
100
nA
LPSDR OUTPUT(10)
VOH
DC output high voltage
IOH = –2 mA
0.8 × VDD
V
VOL
DC output low voltage
IOL = 2 mA
0.2 × VDD
V
CAPACITANCE
CIN
Input capacitance LPSDR
ƒ = 1 MHz
10
pF
Input capacitance SubLVDS
ƒ = 1 MHz
20
pF
COUT
Output capacitance
ƒ = 1 MHz
10
pF
CRESET
Reset group capacitance
ƒ = 1 MHz; (1080 × 240)
micromirrors
400
450
pF
(1)
Specification is for LS_CLK and LS_WDATA pins. Refer to LPSDR input rise slew rate and fall slew rate in Figure 3.
(2)
Specification is for DMD_DEN_ARSTZ pin. Refer to LPSDR input rise and fall slew rate in Figure 3.
(3)
Window time derating example: 0.5-V/ns slew rate increases the window time by 0.7 ns, from 3 to 3.7 ns.
6.7 Timing Requirements
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
MIN
NOM
MAX
UNIT
LPSDR
tr
Rise slew rate(1)
(30% to 80%) × VDD, Figure 3
1
3
V/ns
tƒ
Fall slew rate(1)
(70% to 20%) × VDD, Figure 3
1
3
V/ns
tr
Rise slew rate(2)
(20% to 80%) × VDD, Figure 3
0.25
V/ns
tƒ
Fall slew rate(2)
(80% to 20%) × VDD, Figure 3
0.25
V/ns
tc
Cycle time LS_CLK,
Figure 2
7.7
8.3
ns
tW(H)
Pulse duration LS_CLK high
50% to 50% reference points,
Figure 2
3.1
ns
tW(L)
Pulse duration LS_CLK low
50% to 50% reference points,
Figure 2
3.1
ns
tsu
Setup time
LS_WDATA valid before LS_CLK
↑,
Figure 2
1.5
ns
t h
Hold time
LS_WDATA valid after LS_CLK
↑,
Figure 2
1.5
ns
tWINDOW
Window time(1) (3)
Setup time + Hold time, Figure 2
3.0
ns
tDERATING
Window time derating(1) (3)
For each 0.25 V/ns reduction in slew
rate below 1 V/ns, Figure 5
0.35
ns
SubLVDS
tr
Rise slew rate
20% to 80% reference points,
Figure 4
0.7
1
V/ns
tƒ
Fall slew rate
80% to 20% reference points,
Figure 4
0.7
1
V/ns
tc
Cycle time DCLK,
Figure 6
1.79
1.85
ns
tW(H)
Pulse duration DCLK high
50% to 50% reference points,
Figure 6
0.79
ns
tW(L)
Pulse duration DCLK low
50% to 50% reference points,
Figure 6
0.79
ns
tsu
Setup time
D(0:7) valid before
DCLK
↑ or DCLK ↓, Figure 6
t h
Hold time
D(0:7) valid after
DCLK
↑ or DCLK ↓, Figure 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com