Electronic Components Datasheet Search
  English  ▼

X  

IXRFD615X2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXRFD615X2
Description  15 A Dual Low-Side RF MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXRFD615X2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXRFD615X2 Datasheet HTML 1Page - IXYS Corporation IXRFD615X2 Datasheet HTML 2Page - IXYS Corporation IXRFD615X2 Datasheet HTML 3Page - IXYS Corporation IXRFD615X2 Datasheet HTML 4Page - IXYS Corporation IXRFD615X2 Datasheet HTML 5Page - IXYS Corporation IXRFD615X2 Datasheet HTML 6Page - IXYS Corporation IXRFD615X2 Datasheet HTML 7Page - IXYS Corporation IXRFD615X2 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
15 A Dual Low-Side RF MOSFET Driver
IXRFD615X2
1
Description
The IXRFD615X2 is a dual CMOS high-speed, high-current
gate driver specifically designed to drive MOSFETs in Push-
Pull and Class E Push-Pull HF RF applications as well as oth-
er applications requiring ultrafast rise and fall times or short
minimum pulse widths. The IXRFD615X2 can source and
sink 15 A of peak current per driver while producing voltage
rise and fall times of less than 10 ns and minimum pulse
widths of 8 ns. The inputs to the driver are compatible with
TTL or CMOS and are fully immune to latch up over the entire
operating range. Designed with small internal delays, cross
conduction or current shoot-through is virtually eliminated.
The features and wide safety margin in operating voltage and
power make the IXRFD615X2 unmatched in performance
and value.
The surface mount IXRFD615X2 is packaged in a low-
inductance RF package incorporating advanced layout tech-
niques to minimize stray lead inductances for optimum
switching performance. The two drivers are constructed on a
single substrate sharing a common ground via the substrate
and therefore are not capable of ground isolated operation
from each other. An example would be a half-bridge which
requires a high-side floating and a ground referenced driver,
which is not suitable, as compared to a push-pull configura-
tion in which both drivers are ground referenced, making it a
suitable application.
Features
High Peak Output Current
Low Output Impedance
Low Quiescent Supply Current
Low Propagation Delay
High Capacitive Load Capability
Wide Operating Voltage Range
Applications
RF MOSFET Driver
Push-Pull RF Generators
Multi-MHz Switch Mode Supplies
Pulse Transformer Driver
Pulse Laser Diode Driver
Pulse Generator
Fig. 1 Block Diagram and Truth Table per Driver
IN
OUT
0
0
1
1


Similar Part No. - IXRFD615X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
More results

Similar Description - IXRFD615X2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD415 IXYS-IXDD415 Datasheet
161Kb / 8P
Dual 15 Ampere Low-Side Ultrafast MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
STMicroelectronics
PM8834 STMICROELECTRONICS-PM8834 Datasheet
330Kb / 18P
4 A dual low side MOSFET driver
13-Oct-2008
logo
IXYS Corporation
DEIC515 IXYS-DEIC515 Datasheet
188Kb / 9P
15 Ampere Low-Side Ultrafast RF MOSFET Driver
IXRFD615 IXYS-IXRFD615 Datasheet
1Mb / 8P
15 A Low-Side RF MOSFET Driver
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFD631 IXYS-IXRFD631 Datasheet
209Kb / 8P
30 A Low-Side RF MOSFET Driver
IXRFDSM607X2 IXYS-IXRFDSM607X2 Datasheet
1Mb / 10P
15 A Low-Side RF MOSFET Driver
logo
STMicroelectronics
RHRPM4424 STMICROELECTRONICS-RHRPM4424 Datasheet
1Mb / 31P
Rad-hard 4.5 A dual low-side MOSFET driver
07-Feb-2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com